Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LMV321 Datasheet HTML 2Page - ON Semiconductor LMV321 Datasheet HTML 3Page - ON Semiconductor LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor LMV321 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LMV321, LMV358, LMV324
www.onsemi.com
6
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
Figure 3. Open Loop Frequency Response
(RL = 2 kW, TA = 255C, VS = 5 V)
Figure 4. Open Loop Phase Margin
(RL = 2 kW, TA = 255C, VS = 5 V)
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
Figure 5. CMRR vs. Frequency
(RL = 5 kW, VS = 5 V)
FREQUENCY (Hz)
30
35
40
45
50
55
60
65
70
75
80
−0.5
0
0.5
1
1.5
2
2.5
3
Figure 6. CMRR vs. Input Common Mode
Voltage
INPUT COMMON MODE VOLTAGE (V)
30
40
50
60
70
80
−1
01
2345
Figure 7. CMRR vs. Input Common Mode
Voltage
INPUT COMMON MODE VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
Figure 8. PSRR vs. Frequency
(RL = 5 kW, VS = 2.7 V, +PSRR)
FREQUENCY (Hz)
FREQUENCY (Hz)
VS = 5 V
f = 10 kHz
VS = 2.7 V
f = 10 kHz
10
30
50
70
90
110
130
150
170
−20
0
20
40
60
80
100
120
Over −40
°C to +85°C
Same Gain
$1.8 dB (Typ)
1k
10k
100k
1M
10M
100
10
1k
10k
100k
1M
10M
100
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com