Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LMV321
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor LMV321 Datasheet HTML 10Page - ON Semiconductor LMV321 Datasheet HTML 11Page - ON Semiconductor LMV321 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LMV321, LMV358, LMV324
www.onsemi.com
8
TYPICAL CHARACTERISTICS
(TA = 25°C and VS = 5 V unless otherwise specified)
Figure 15. THD+N vs Frequency
(Hz)
−0.1
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
2.5
3
3.5
4
4.5
5
Figure 16. Output Voltage Swing vs Supply
Voltage (RL = 10k)
SUPPLY VOLTAGE (V)
Positive Swing
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
2.5
3
3.5
4
4.5
5
Figure 17. Output Voltage Swing vs Supply
Voltage (RL = 10k)
SUPPLY VOLTAGE (V)
Negative Swing
−160
−140
−120
−100
−80
−60
−40
−20
0
0
0.5
1
1.5
2
2.5
Figure 18. Sink Current vs. Output Voltage
VS = 2.7 V
VOUT REFERENCED TO V− (V)
−120
−100
−80
−60
−40
−20
0
0
1
2
345
Figure 19. Sink Current vs. Output Voltage
VS = 5.0 V
VOUT REFERENCED TO V− (V)
0
20
40
60
80
100
120
0
0.5
1.0
1.5
2.0
2.5
Figure 20. Source Current vs. Output Voltage
VS = 2.7 V
VOUT REFERENCED TO V+ (V)
0.001
0.01
0.1
1
10
100
1k
10k
100k
RL = 10 kW
Vout = 1 VPP
Av = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com