Electronic Components Datasheet Search
  English  ▼

X  

SST12LP17E Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 5 Page - Microchip Technology

  SST12LP17E Datasheet HTML 1Page - Microchip Technology SST12LP17E Datasheet HTML 2Page - Microchip Technology SST12LP17E Datasheet HTML 3Page - Microchip Technology SST12LP17E Datasheet HTML 4Page - Microchip Technology SST12LP17E Datasheet HTML 5Page - Microchip Technology SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
5
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Electrical Specifications
The DC and RF specifications for the power amplifier are specified below. Refer to Table 3 for the DC voltage
and current specifications. Refer to Figures 3 through 8 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure beyond absolute maximum stress rat-
ing conditions may affect device reliability.)
Input power to pin 3 (PIN)..................................................... +5dBm
Average output power from Pin 6 (POUT)1 ...................................... +25.5 dBm
1. Never measure with CW source. Pulsed single-tone source with <50% duty cycle is recommended. Exceeding the max-
imum rating of average output power could cause permanent damage to the device.
Supply Voltage at pins 1 and 2 (VCC)2 ...................................... -0.3V to +6.0V
2. VCC maximum rating of 6.0V for RF output power levels up to 10 dBm.
Reference voltage to pin 4 (VREF) ......................................... -0.3V to +3.3V
DC supply current (ICC)3 ..................................................... 300mA
3. Measured with 100% duty cycle 54 Mbps 802.11g OFDM Signal
Operating Temperature (TA) ............................................. -40ºC to +85ºC
Storage Temperature (TSTG) ........................................... -40ºC to +120ºC
Maximum Junction Temperature (TJ) ............................................ +150ºC
Surface Mount Solder Reflow Temperature ............................ 260°C for 10 seconds
ESD Level for Human Body Model, HBM ......................................... 1250V
Table 2: Operating Range
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.0V to 4.6V
T2.1 75004
Table 3: DC Electrical Characteristics at 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage at pins 1 and 2
3.0
3.3
4.6
V
ICQ
Idle current to meet EVM ~3% @ 18 dBm Output Power, 802.11g OFDM
54 Mbps signal
60
mA
VREG
Reference Voltage for pin 4
2.9
V
ICC
Current consumption to meet 802.11g OFDM 54 Mbps spectrum mask
@ 21.5 dBm
138
mA
Current consumption to meet 802.11b DSSS 54 Mbps spectrum mask
@ 22 dBm
155
mA
Current consumption to meet EVM ~3% @ 18 dBm Output Power with
802.11g OFDM 54 Mbps signal
105
mA
T3.1 75004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com