Electronic Components Datasheet Search
  English  ▼

X  

SST12LP17E Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 6Page - Microchip Technology SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology SST12LP17E Datasheet HTML 11Page - Microchip Technology SST12LP17E Datasheet HTML 12Page - Microchip Technology SST12LP17E Datasheet HTML 13Page - Microchip Technology SST12LP17E Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
10
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Figure 8: Detector Characteristics versus Output Power
Figure 9: Typical Schematic for High-Efficiency 802.11b/g/n Applications
1426 F8.2
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
Detector Voltage versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1426 F9.3
4.7µF
*
50
Ω
RFIN
RFOUT
50
Ω
Vdet
VREG
12LP17E
2X2 8L X2SON
Top View
4
3
2
1
5
6
7
8
VCC
* V
CC1 and VCC2 must
be separated by a short
inductive trace. This can
be replaced by a 1 nH
inductor if prefered.
2mm trace*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com