Electronic Components Datasheet Search
  English  ▼

X  

SST12LP17E Datasheet(PDF) 15 Page - Microchip Technology

Part # SST12LP17E
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP17E Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST12LP17E Datasheet HTML 7Page - Microchip Technology SST12LP17E Datasheet HTML 8Page - Microchip Technology SST12LP17E Datasheet HTML 9Page - Microchip Technology SST12LP17E Datasheet HTML 10Page - Microchip Technology SST12LP17E Datasheet HTML 11Page - Microchip Technology SST12LP17E Datasheet HTML 12Page - Microchip Technology SST12LP17E Datasheet HTML 13Page - Microchip Technology SST12LP17E Datasheet HTML 14Page - Microchip Technology SST12LP17E Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
©2014 Silicon Storage Technology, Inc.
DS-70005004G
10/14
15
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
SST12LP17E
Data Sheet
Table 6: Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Apr 2010
A
•
Modified “Features”, “Product Description” on page 2, Table 1 on
page 4, Table 3 on page 5, Table 4 on page 6, Figure 1 on page 3, and
Figure 9 on page 10.
•
Replaced Figures 3-8.
Apr 2011
B
•
Updated document type to “Data Sheet”
•
Changed supply voltage in “Electrical Specifications” on page 5
•
Revised VCC values in Table 3 on page 5
Oct 2011
C
•
Updated package to 8-contact X2SON (XX8)
•
Revised performance information to reflect new package type including
Tables 2, 3, and 4
•
Revised Supply Voltage on page 5.
Feb 2012
D
•
Added QU8 package information
•
Updated maximum supply voltage from 5.5V to 6.0V in “Absolute Maxi-
mum Stress Ratings” on page 5
•
Updated Supply Voltage from 4.2 to 4.6 in Table 3 on page 5
Mar 2012
E
•
Updated package drawings to reflect new Pin 1 indicator
Jul 2012
F
•
Updated Figure 1 on page 3
•
Updated Figure 9 on page 10
•
Added Table 5 on page 6
•
Updated “Features” on page 1
•
Added ESD information to “Electrical Specifications” on page 5
Mar 2014
G
•
Updated “Features” on page 1 and “Product Description” on page 2
•
Revised Table 4 on page 6
Oct 2014
© 2014 Microchip Technology Inc.
SST, Silicon Storage Technology, the SST logo, SuperFlash, and MTP are registered trademarks of Microchip Technology, Inc.
MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Microchip Technology, Inc. All other trademarks and registered trade-
marks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
Microchip makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions
of Sale.
For sales office locations and information, please see www.microchip.com.
www.microchip.com
ISBN:978-1-63276-663-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com