Electronic Components Datasheet Search
  English  ▼

X  

EMH Datasheet(PDF) 13 Page - XP Power Limited

Part # EMH
Description  250 W & 350 W Forced-cooled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH Datasheet(HTML) 13 Page - XP Power Limited

Back Button EMH Datasheet HTML 9Page - XP Power Limited EMH Datasheet HTML 10Page - XP Power Limited EMH Datasheet HTML 11Page - XP Power Limited EMH Datasheet HTML 12Page - XP Power Limited EMH Datasheet HTML 13Page - XP Power Limited EMH Datasheet HTML 14Page - XP Power Limited EMH Datasheet HTML 15Page - XP Power Limited EMH Datasheet HTML 16Page - XP Power Limited EMH Datasheet HTML 17Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
xppower.com
Xxxxxxxxxx
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must not be
exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component (out of any direct air flow). See
mechanical drawings for component locations.
The service life of the power supply is largely determined by the temperature of the electrolytic capacitors during normal operation and therefore to
achieve the optimum lifetime, it is recommended to reduce the temperatures shown by approximately 30 °C.
Thermal Considerations
Thermal Considerations
Temperature Measurements (Ambient
≤ 50 °C)
Component
Max Temperature ºC
D5 case
110 °C
C5
105 °C
C3
105 °C
T1 coil
120 °C
Service Life (U Channel Versions)
The estimated service life of the EMH Dual Series is determined by the cooling arrangements and load conditions experienced in the end application.
Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of a key capacitor within the
product when installed in the end application.
The graph below expresses the estimated lifetime for a given component temperature and assumes continuous operation at this temperature.
Estimated Service Life vs Component Temperature
0
20000
40000
60000
80000
100000
120000
105
95
85
75
65
55
C6 Temperature (°C)
C5 Temperature (°C)
8 Sept 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com