Electronic Components Datasheet Search
  English  ▼

X  

EMH Datasheet(PDF) 21 Page - XP Power Limited

Part # EMH
Description  250 W & 350 W Forced-cooled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH Datasheet(HTML) 21 Page - XP Power Limited

Back Button EMH Datasheet HTML 14Page - XP Power Limited EMH Datasheet HTML 15Page - XP Power Limited EMH Datasheet HTML 16Page - XP Power Limited EMH Datasheet HTML 17Page - XP Power Limited EMH Datasheet HTML 18Page - XP Power Limited EMH Datasheet HTML 19Page - XP Power Limited EMH Datasheet HTML 20Page - XP Power Limited EMH Datasheet HTML 21Page - XP Power Limited EMH Datasheet HTML 22Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
xppower.com
8
Mechanical Details
Recommended
Airflow
Direction
Input Terminal Block - Dinkle Products DT-2C-A02W-03
Output Terminals
M4 PAN HD screws in 4 positions
Torque to 8 lbs-in (90 cNm) max.
-V1
+V1
Input Terminal Block
Center Line
Output Connector
Center Line
+V2
-V2
2.00
(50.8)
4.00
(101.6)
2.58
(65.4)
1.31
(33.1)
1.96
(49.8)
0.69
(17.4)
0.63
(16.1)
7.00 (177.8)
1.75
(44.5)
1.18
(29.9) 0.88
(22.2)
0.57
(14.4)
7.59 (192.8)
2.00
(50.8)
N
0.71
17.93
4.00
(101.6)
2.57
(65.4)
1.96
(49.8)
0.69
(17.4)
C3
0.63
(16.1)
1.57
(39.8)
0.75
(19.1)
1.30
(33.1)
L
E
-V1
+V1
-V2
+V2
Output Terminals
M4 PAN HD screws in 4 positions
Torque to 8 lbs-in (90 cNm) max.
Output Connector
Center Line
Input Terminal Block
Center Line
Input Terminal Block
TYCO p/n 640445-5
M3 Mounting holes in 2 positions each side
Max penetration by screw:
3.5 mm from outside face of chassis
6.00 (152.4)
4.00 (101.6)
1.73 (44.0)
Airflow
Direction
C5
T1
D5
16 CFM
EMH350PDxx-U
Notes
1. Dimensions shown in inches (mm).
Tolerance: ±0.02 (±0.5)
2. Weight: U channel: 1.6 lb (730 g),
End Fan: 2.2 lbs (1003 g)
EMH350PDxx-EF
Pin Connections
Pin
Function
Pin
Function
1
-VE Standby
7
V1 +VE Sense
2
-VE Standby
8
V1 -VE Sense
3
+VE Standby
9
Current Share
4
+VE Standby
10
Inhibit
5
Fan +VE
11
Power Fail
6
Fan -VE
12 Not Connected
Signals Connector - 12 WAY 2mm PITCH p/n
JST S12B-PHDSS
Mating HALF - p/n JST PHDR-12VS
Contact - 26-22 AWG p/n JST SPHD-001T-P0.5
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 11
Pin 12
Pin 9
Pin 10
Pin 7
Pin 8
Input Connector CON 1
TYCO part # 640445-5
1
Line
3
Neutral
5
Earth
Output Connector
CON 2
+V1
CON 3
-V1
Pins 2 & 4 removed
Mates with Tyco SL-156
Series Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com