Electronic Components Datasheet Search
  English  ▼

X  

EMH Datasheet(PDF) 2 Page - XP Power Limited

Part # EMH
Description  250 W & 350 W Forced-cooled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH Datasheet(HTML) 2 Page - XP Power Limited

  EMH Datasheet HTML 1Page - XP Power Limited EMH Datasheet HTML 2Page - XP Power Limited EMH Datasheet HTML 3Page - XP Power Limited EMH Datasheet HTML 4Page - XP Power Limited EMH Datasheet HTML 5Page - XP Power Limited EMH Datasheet HTML 6Page - XP Power Limited EMH Datasheet HTML 7Page - XP Power Limited EMH Datasheet HTML 8Page - XP Power Limited EMH Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Figure 1
Derating Curve - All EMH250 & EMH350 models
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
275
VAC
Derate output power < 90 VAC. See fig. 1
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
Input Current - No Load
0.05/0.03
A
115/230 VAC
Input Current - Full Load
2.6/1.3
3.7/1.8
A
115/230 VAC - EMH250
115/230 VAC - EMH350
Inrush Current
40
A
230 VAC cold start, 25 °C
No Load Input Power
5.8
6.4
1.0
W
EMH250
EMH350
EMH350 with output inhibit (via signal option)
Earth Leakage Current
90/160
250
µA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
Input Protection
F10 A/250 V internal fuse in both lines
Models and Ratings
Notes:
1. The EMH250 is available with a top mounted fan cover option. Add suffix ‘-TF’ to model number e.g. EMH250PS12-TF. See mechanical drawing later in this
datasheet. The fan supply V3 is no longer available with this option as it is used to drive the fan.
2. The EMH350 is available with various analog, digital signal and cover options. See availability table and mechanical drawing later in this datasheet. The fan supply
V3 is no longer available with cover options as it is used to drive the fan.
3. The EMH350D models are fitted with an integral ORing diode and are also available with various analog and digital signal options. See availability table and
mechanical drawing later in this datasheet.
Output Voltage V1
Output Current V1
Fan Supply V3(1)
Output Power
Model Number(1)
12 V
21.0 A
12 V/0.6 A
252 W
EMH250PS12
18 V
14.0 A
12 V/0.6 A
252 W
EMH250PS18
24 V
10.5 A
12 V/0.6 A
252 W
EMH250PS24
48 V
5.2 A
12 V/0.6 A
250 W
EMH250PS48
Output Voltage V1
Output Current V1
Standby Supply V2
Fan Supply V3(2)
Output Power
Model Number(2)
12 V
29.2 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS12
18 V
19.5 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS18
24 V
14.6 A
5.0 V / 2.0 A
12 V/0.6 A
355 W
EMH350PS24
48 V
7.3 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS48
Output Voltage V1
Output Current V1
Standby Supply V2
Fan Supply V3
Output Power
Model Number(3)
12 V
29.2 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS12D
18 V
19.5 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS18D
24 V
14.6 A
5.0 V / 2.0 A
12 V/0.6 A
355 W
EMH350PS24D
48 V
7.3 A
5.0 V / 2.0 A
12 V/0.6 A
354 W
EMH350PS48D
40
50
80
60
70
90
100
80
90
85
275
Input Voltage (VAC)
2
Models & Ratings
xppower.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com