Electronic Components Datasheet Search
  English  ▼

X  

ADF4208 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4208 Datasheet HTML 5Page - Analog Devices ADF4208 Datasheet HTML 6Page - Analog Devices ADF4208 Datasheet HTML 7Page - Analog Devices ADF4208 Datasheet HTML 8Page - Analog Devices ADF4208 Datasheet HTML 9Page - Analog Devices ADF4208 Datasheet HTML 10Page - Analog Devices ADF4208 Datasheet HTML 11Page - Analog Devices ADF4208 Datasheet HTML 12Page - Analog Devices ADF4208 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
ADF4206/ADF4207/ADF4208
–9–
CIRCUIT DESCRIPTION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 2. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2
are opened. Typical recommended external components are
shown in Figure 2.
30pF
OSCIN
OSC
OUT
TO R
COUNTER
BUFFER
POWER-DOWN
CONTROL
SW1
NC
NC
SW2
100k
SW3
NO
18k
30pF
Figure 2. RF Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 3. It is followed by a
2-stage limiting amplifier to generate the CML clock levels needed
for the prescaler.
RFINA
AV
DD
BIAS
GENERATOR
1.6V
2k
AGND
2k
RFINB
Figure 3. RF Input Stage
PRESCALER
The dual modulus prescaler (P/P + 1), along with the A and
B counters, enables the large division ratio, N, to be realized
(N = BP + A). This prescaler, operating at CML levels, takes
the clock from the RF input stage and divides it down to a man-
ageable frequency for the CMOS A and B counters. It is based
on a synchronous 4/5 core.
The prescaler is selectable. Both RF1 and RF2 can be set to
either 32/33 or 64/65. DB20 of the AB counter latch selects
the value. See Tables IV and VI.
A AND B COUNTERS
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide ranging division ratio in the PLL feed-
back counter. The devices are guaranteed to work when the
prescaler output is 200 MHz or less.
Pulse Swallow Function
The A and B counters, in conjunction with the dual modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the Reference Frequency divided by R. The
equation for the VCO frequency is as follows:
fVCO = [(P
× B) + A] × fREFIN/R
fVCO = Output frequency of external voltage controlled
oscillator (VCO).
P
= Preset modulus of dual modulus prescaler
(32/33, 64/65).
B
= Preset Divide Ratio of binary 11-bit counter
(1 to 2047).
A
= Preset Divide Ratio of binary 6-bit A counter
(0 to 63).
fREFIN = Output frequency of the external reference frequency
oscillator.
R
= Preset divide ratio of binary 14-bit programmable
reference counter (1 to 16383).
R COUNTER
The 14-bit R counter allows the input reference frequency to
be divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383
are allowed.
PRESCALER
P/P + 1
MODULUS
CONTROL
FROM RF
INPUT STAGE
LOAD
N = BP + A
N DIVIDER
LOAD
TO PFD
11-BIT B
COUNTER
6-BIT A
COUNTER
Figure 4. A and B Counters
PHASE FREQUENCY DETECTOR (PFD) AND CHARGE
PUMP
The PFD takes inputs from the R counter and N counter (N =
BP + A) and produces an output proportional to the phase and
frequency difference between them. Figure 5 is a simplified
schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com