Electronic Components Datasheet Search
  English  ▼

X  

ADF4208 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4208 Datasheet HTML 12Page - Analog Devices ADF4208 Datasheet HTML 13Page - Analog Devices ADF4208 Datasheet HTML 14Page - Analog Devices ADF4208 Datasheet HTML 15Page - Analog Devices ADF4208 Datasheet HTML 16Page - Analog Devices ADF4208 Datasheet HTML 17Page - Analog Devices ADF4208 Datasheet HTML 18Page - Analog Devices ADF4208 Datasheet HTML 19Page - Analog Devices ADF4208 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
ADF4206/ADF4207/ADF4208
–17–
RF SECTION (RF1)
Programmable RF1 Reference (R) Counter
If control bits (C2, C1) are (1, 0), the data is transferred from
the input shift register to the 14 Bit RF1 R counter. Table V
shows the input shift register data format for the RF1 R counter
and the divide ratios possible.
RF1 Phase Detector Polarity
P9 sets the RF1 Phase Detector Polarity. When the RF1 VCO
characteristics are positive this should be set to “1.” When they
are negative it should be set to “0.” See Table V.
RF1 Charge Pump Three-State
P10 puts the RF1 charge pump into three-state mode when
programmed to a “1.” It should be set to “0” for normal opera-
tion. See Table V.
RF1 Program Modes
Table III and Table V show how to set up the Program Modes
in the ADF420x family.
RF1 Charge Pump Currents
Replaced with a P13 programs the current setting for the RF1
charge pump. See Table V.
Programmable RF1 AB Counter
If control bits (C2, C1) are (1, 1), then the data in the input
register is used to program the RF1 AB counter. The AB
counter consists of a 6-bit swallow counter (A counter) and
11-bit programmable counter (B counter). Table VI shows
the input register data format for programming the RF1 AB
counter and the divide ratios possible. See Table VI.
RF1 Prescaler Value
P14 in the RF1 A, B counter latch set the RF1 prescaler value.
See Table VI.
RF1 Power-Down
Setting P16 in the RF1 AB counter high powers down RF1 side.
RF Fastlock
The fastlock feature can improve the lock time of the PLL. It
increases charge pump current to a maximum for a period of
time. Fastlock of the ADF420x family is activated by setting
P13 in the reference counter high and setting the fastlock switch
on using MUXOUT. Switching in an external resistor using
MUXOUT compensates the loop dynamics for the effect of
increasing charge pump current. Setting P13 low removes the
PLL from fastlock mode.
OSC
OUT
MUXOUT
ADF4207
V
P2
V
DD2 VDD1VP1
CP
RF1
RF2IN
RF1IN
OSC
IN
CLK
DATA
LE
DECOUPLING CAPACITORS (22 F/10pF) ON VDD, VP OF
THE ADF4207, AND ON VCC OF THE VCOs HAVE BEEN
OMITTED FROM THE DIAGRAM TO AID CLARITY.
VCO190-125T
V
CC
CP
RF2
V
CC
100pF
18
18
18
100pF
IF
OUT
100pF
51
30pF
10MHz
18k
1.3nF
13nF
2.7k
620pF
3.3k
V
P
V
DD
V
P
100pF
18
RF
OUT
100pF 18
18
100pF
51
LOCK DETECT
30pF
VCO190-1068U
Figure 7. GSM Handset Receiver Local Oscillator Using the ADF4207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com