Electronic Components Datasheet Search
  English  ▼

X  

ADF4208 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4208
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4208 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4208 Datasheet HTML 10Page - Analog Devices ADF4208 Datasheet HTML 11Page - Analog Devices ADF4208 Datasheet HTML 12Page - Analog Devices ADF4208 Datasheet HTML 13Page - Analog Devices ADF4208 Datasheet HTML 14Page - Analog Devices ADF4208 Datasheet HTML 15Page - Analog Devices ADF4208 Datasheet HTML 16Page - Analog Devices ADF4208 Datasheet HTML 17Page - Analog Devices ADF4208 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
ADF4206/ADF4207/ADF4208
–14–
Table V. RF1 Reference Counter Latch Map
DB20 DB19 DB18 DB17 DB16 DB15
DB14
DB13
DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P9
P13
CONTROL
BITS
14-BIT REFERENCE COUNTER, R
DB21
RF1 REFERENCE COUNTER LATCH
P10
P11
R14
R13
R12
..........
R3
R2
R1
DIVIDE RATIO
0
0
0
..........
0011
0
0
0
..........
0102
0
0
0
..........
0113
0
0
0
..........
1004
.
.
.
..........
....
.
.
.
..........
....
.
.
.
..........
....
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
P9
PD POLARITY
0
NEGATIVE
1
POSITIVE
P13
ICP
0
1.25 mA
1
4.375 mA
P4
P3
P12
P11
FROM RF2 R LATCH
MUXOUT
0000
LOGIC LOW STATE
0001
RF2 ANALOG LOCK DETECT
0
X
1
0
RF2 REFERENCE DIVIDER OUTPUT
0
X
1
1
RF2 N DIVIDER OUTPUT
0100
RF1 ANALOG LOCK DETECT
0101
RF1/RF2 ANALOG LOCK DETECT
1
X
0
0
RF1 REFERENCE DIVIDER
1
X
0
1
RF1 N DIVIDER
1010
FAST LOCK OUTPUT SWITCH ON
AND CONNECTED TO MUXOUT
1011
RF2 COUNTER RESET
1110
RF1 COUNTER RESET
1111
RF2 AND RF1 COUNTER RESET
P12
P10
CHARGE PUMP OUTPUT
0
NORMAL
1
THREE-STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com