Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8324EB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments ADS8324EB Datasheet HTML 10Page - Texas Instruments ADS8324EB Datasheet HTML 11Page - Texas Instruments ADS8324EB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADS8324
8
SBAS172A
www.ti.com
different settling times. This may result in offset error, gain
error, and linearity error that changes with both temperature
and input voltage. If the impedance cannot be matched, the
errors can be lessened by giving the ADS8324 additional
acquisition time.
The input current on the analog inputs depends on a number
of factors: sample rate, input voltage, and source impedance.
Essentially, the current into the ADS8324 charges the inter-
nal capacitor array during the sample period. After this
capacitance has been fully charged, there is no further input
current. The source of the analog input voltage must be able
to charge the input capacitance (25pF) to the 14-bit settling
level within 4.5 clock cycles. When the converter goes into
the hold mode, or while it is in the power-down mode, the
input impedance is greater than 1G
Ω.
Care must be taken regarding the absolute analog input
voltage. The +In input should always remain within the
range of GND – 100mV to VCC + 100mV. The –In input
should always remain within the range of GND – 100mV to
2V. Outside of these ranges, the converter’s linearity may
not meet specifications.
REFERENCE INPUT
The external reference sets the analog input range. The
ADS8324 will operate with a reference in the range of
500mV to VCC /2. There are several important implications
of this. As the reference voltage is reduced, the analog
voltage weight of each digital output code is reduced. This
is often referred to as the Least Significant Bit (LSB) size
and is equal to 2 • VREF divided by 16,384. This means that
any offset or gain error inherent in the A/D converter will
appear to increase, in terms of LSB size, as the reference
voltage is reduced.
The noise inherent in the converter will also appear to increase
with lower LSB size. With a 0.9V reference, the internal noise
of the converter typically contributes only 5LSB peak-to-peak
of potential error to the output code. When the external
reference is 500mV, the potential error contribution from the
internal noise will be 7LSBs. The errors due to the internal
noise are gaussian in nature and can be reduced by averaging
consecutive conversion results.
For more information regarding noise, consult the typical
performance curve “Noise vs Reference Voltage.” Note that
the Effective Number of Bits (ENOB) figure is calculated
based on the converter’s signal-to-(noise + distortion) ratio
with a 1kHz, 0dB input signal. SINAD is related to ENOB
as follows:
SINAD = 6.02 • ENOB + 1.76
With lower reference voltages, extra care should be taken to
provide a clean layout including adequate bypassing, a clean
power supply, a low-noise reference, and a low-noise input
signal. Because the LSB size is lower, the converter will also
be more sensitive to external sources of error such as nearby
digital signals and electromagnetic interference.
FIGURE 4. Histogram of 5,000 Conversions of a DC Input
at the Code Transition.
NOISE
The noise floor of the ADS8324 itself is extremely low, as
can be seen from Figure 4, and is much lower than compet-
ing A/D converters. It was tested by applying a low noise
DC input and a 0.9V reference to the ADS8324 and initiat-
ing 5,000 conversions. The digital output of the A/D con-
verter will vary in output code due to the internal noise of
the ADS8324. This is true for all 14-bit SAR-type A/D
converters. Using a histogram to plot the output codes, the
distribution should appear bell-shaped, with the peak of the
bell curve representing the nominal code for the input value.
The
±1σ, ±2σ, and ±3σ distributions will represent the
68.3%, 95.5%, and 99.7%, respectively, of all codes. The
transition noise can be calculated by dividing the number of
codes measured by 6 and this will yield the
±3σ distribution
or 99.7% of all codes. Statistically, up to 3 codes could fall
outside the distribution when executing 1000 conversions.
The ADS8324, with five output codes for the
±3σ distribu-
tion, will yield a
±0.8LSB transition noise. Remember, to
achieve this low-noise performance, the peak-to-peak noise
of the input signal and reference must be < 50
µV.
3FFE
H
583
560
3857
3FFF
H
0000
H
Code
0001
H
0002
H
0
0
AVERAGING
The noise of the A/D converter can be compensated by
averaging the digital codes. By averaging conversion re-
sults, transition noise will be reduced by a factor of 1/
√n,
where n is the number of averages. For example, averaging
4 conversion results will reduce the transition noise by 1/2
to
±0.25LSBs. Averaging should only be used for input
signals with frequencies near DC.
For AC signals, a digital filter can be used to low-pass filter
and decimate the output codes. This works in a similar
manner to averaging; for every decimation by 2, the signal-
to-noise ratio will improve 3dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com