Electronic Components Datasheet Search
  English  ▼

X  

ADS8324EB Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8324EB
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8324EB Datasheet(HTML) 3 Page - Texas Instruments

  ADS8324EB Datasheet HTML 1Page - Texas Instruments ADS8324EB Datasheet HTML 2Page - Texas Instruments ADS8324EB Datasheet HTML 3Page - Texas Instruments ADS8324EB Datasheet HTML 4Page - Texas Instruments ADS8324EB Datasheet HTML 5Page - Texas Instruments ADS8324EB Datasheet HTML 6Page - Texas Instruments ADS8324EB Datasheet HTML 7Page - Texas Instruments ADS8324EB Datasheet HTML 8Page - Texas Instruments ADS8324EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADS8324
3
SBAS172A
www.ti.com
ELECTRICAL CHARACTERISTICS: +VCC = +1.8V
At –40
°C to +85°C, V
REF = 0.9V, –In = 0.9V, fSAMPLE = 50kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
ADS8324E
ADS8324EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
14
✻
Bits
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
–VREF
+VREF
✻✻
V
Absolute Input Range
+In
–0.1
VCC + 0.1
✻✻
V
–In
0.8
+1.0
✻✻
V
Capacitance
25
✻
pF
Leakage Current
1
✻
nA
SYSTEM PERFORMANCE
No Missing Codes
14
14
Bits
Integral Linearity Error
±3
±2
LSB
Bipolar Zero Error
±4
±8
±2
±4
LSB
Bipolar Zero Error Drift
±0.1
✻
µV/°C
Gain Error
±4
±8
✻✻
LSB
Gain Temperature Drift
±0.4
✻
ppm/
°C
Noise
60
✻
µVrms
Common-Mode Rejection Ratio
at DCC
74
✻
dB
Power Supply Rejection Ratio
+1.8V < VCC < +3.6V
3
✻
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
✻
Clk Cycles
Acquisition Time
4.5
✻
Clk Cycles
Throughput Rate
50
✻
kHz
Clock Frequency Range
0.024
1.8
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5Vp-p at 10kHz
–84
–86
dB
SINAD
VIN = 5Vp-p at 10kHz
77
78
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
85
86
dB
SNR
78
✻
dB
REFERENCE INPUT
Voltage Range
0.5
VCC/2
✻✻
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
✻
G
Ω
CS = VCC
5
✻
G
Ω
Current Drain
40
80
✻✻
µA
fSAMPLE = 10kHz
0.8
✻
µA
CS = VCC
0.1
3
✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
✻
Logic Levels:
VIH
IIH = +5µA
1.3
VCC + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
0.5
✻✻
V
VOH
IOH = –250µA
1.4
✻
V
VOL
IOL = 250µA
0.4
✻
V
Data Format
Binary Two’s Complement
✻
POWER SUPPLY REQUIREMENTS
VCC
Specified Performance
1.8
✻
V
VCC Range(2)
1.8
3.6
✻✻
V
Quiescent Current
1400
1700
✻✻
µA
fSAMPLE = 10kHz(3, 4)
250
✻
µA
Power Dissipation
VCC = 1.8V
2.5
3.0
✻✻
mW
Power Down
CS = VCC
0.3
3.0
✻✻
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS8324E.
NOTES: (1) LSB means Least Significant Bit. (2) See Typical Performance Curves for more information. (3) fCLK = 1.2MHz, CS = VCC for 216 clock cycles out
of every 240. (4) See the Power Dissipation section for more information regarding lower sample rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com