Electronic Components Datasheet Search
  English  ▼

X  

M9155C Datasheet(PDF) 3 Page - Keysight Technologies

Part # M9155C
Description  PXI Hybrid Switch Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155C Datasheet(HTML) 3 Page - Keysight Technologies

  M9155C Datasheet HTML 1Page - Keysight Technologies M9155C Datasheet HTML 2Page - Keysight Technologies M9155C Datasheet HTML 3Page - Keysight Technologies M9155C Datasheet HTML 4Page - Keysight Technologies M9155C Datasheet HTML 5Page - Keysight Technologies M9155C Datasheet HTML 6Page - Keysight Technologies M9155C Datasheet HTML 7Page - Keysight Technologies M9155C Datasheet HTML 8Page - Keysight Technologies M9155C Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Figure 1. Soft front panel for M9155C, M9156C and M9157C
M9155C is an integration of 2 units of Keysight 8765C with Option 024 (24 V, 3 inch ribbon)
M9156C is an integration of 2 units of Keysight L7222C with Option 161 (24 V, 10-pin DIP)
M9157C is an integration of 1 unit of Keysight L7106C with
Option 161 (24 V, 16-pin DIP)
03 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com