Electronic Components Datasheet Search
  English  ▼

X  

M9155C Datasheet(PDF) 4 Page - Keysight Technologies

Part # M9155C
Description  PXI Hybrid Switch Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155C Datasheet(HTML) 4 Page - Keysight Technologies

  M9155C Datasheet HTML 1Page - Keysight Technologies M9155C Datasheet HTML 2Page - Keysight Technologies M9155C Datasheet HTML 3Page - Keysight Technologies M9155C Datasheet HTML 4Page - Keysight Technologies M9155C Datasheet HTML 5Page - Keysight Technologies M9155C Datasheet HTML 6Page - Keysight Technologies M9155C Datasheet HTML 7Page - Keysight Technologies M9155C Datasheet HTML 8Page - Keysight Technologies M9155C Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Connections are made via front panel mounted high quality RF coaxial connectors,
3.5 mm (f) or SMA (f) for 50 Ω.
The M9155/6/7C switch modules give you the most reliable and repeatable RF &
microwave switching available in the market. Their applications are mainly in automated
test equipment for example, RF communication, engineering verification and RF
parametric measurement where low insertion loss and ultra high isolation are critical.
These modules provide individual cycle count trackings for each of the switch paths.
Cycle count is incremented per each complete Open-Close sequence. The individual
cycle count is user-retrievable, either via scripting or the Soft Front Panel. Engineers can
use this feature for scheduled maintenance to reduce unexpected system downtime.
Easy Setup ... Test ... and Maintenance
Hardware platform
Compliance
The M9155/6/7C is PXI compliant, using either a PXI-H, PXI-1 or cPCI slot. Designed
to benefit from fast data interfaces, the products can be integrated with other test and
automation modules in PXI, CompactPCI, and Hybrid chassis. The PXI format offers
high performance in a small, rugged package. It is an ideal deployment platform for
many automated test systems. A wide array of complementary PXI products is currently
available. Products include multimeters, waveform generators, local oscillators, digitizers,
and switch multiplexers.
Software platform
Drivers
Keysight‘s switches come complete with software drivers for Windows XP, Windows
Vista, Windows 7, and LabVIEW. Also included are application code examples for
LabVIEW, LabWindows/CVI, Visual Studio, C, C++, MATLAB.
Soft front panel
The M9155/6/7C’s graphical user interface guides developers through the module
setup process. Users can quickly configure the module parameters. The interfaces are
implemented using the IVI standard supporting both IVI-COM and IVI-C.
Easy software integration
Keysight’s M9155/6/7C comes complete with software drivers for Windows XP, Windows
Vista, Windows 7, and LabVIEW. Also included are application code examples for
LabVIEW, LabWindows/CVI, Visual Studio, C, C++, C#, Visual Basic, and MATLAB, which
provide M9155/6/7C set up and basic switching functionality. The application code
examples are easily modified to quickly integrate the module into your measurement
system.
Calibration intervals
The M9155/6/7C is factory calibrated and shipped with an ISO-9001, NIST-traceable
calibration certificate.
04 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com