Electronic Components Datasheet Search
  English  ▼

X  

M9155C Datasheet(PDF) 8 Page - Keysight Technologies

Part # M9155C
Description  PXI Hybrid Switch Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9155C Datasheet(HTML) 8 Page - Keysight Technologies

Back Button M9155C Datasheet HTML 2Page - Keysight Technologies M9155C Datasheet HTML 3Page - Keysight Technologies M9155C Datasheet HTML 4Page - Keysight Technologies M9155C Datasheet HTML 5Page - Keysight Technologies M9155C Datasheet HTML 6Page - Keysight Technologies M9155C Datasheet HTML 7Page - Keysight Technologies M9155C Datasheet HTML 8Page - Keysight Technologies M9155C Datasheet HTML 9Page - Keysight Technologies M9155C Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Configuration
Hardware
Recommended configuration
Model
Description
M9018A
PXIe chassis, 18-slots, 3U, 8 Gb/s
M9155C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual SPDT, unterminated
M9156C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual transfer
M9157C
PXI hybrid coaxial switch, DC to 26.5 GHz, single SP6T, terminated
M9021A
PXIe system interface
Accessories
SMA male-male cable (semi-rigid)
Module and chassis compatibility
PXI chassis compatibility
Compatible with all chassis conforming to the 3U PXI and 3U cPCI specifications
Compatible with Keysight M9018A PXIe chassis, 18-slots, 3U, 8 Gb/s
Related products
Model
Description
M9155CH40
PXI hybrid coaxial switch, DC to 40 GHz, dual SPDT, unterminated
M9156CH40
PXI hybrid coaxial switch, DC to 40 GHz, dual transfer
M9157CH40
PXI hybrid coaxial switch, DC to 40 GHz, single SP6T, terminated
M9392A
PXI vector signal analyzer
M9302A
PXI local oscillator
M9351A
PXI downconverter (50 MHz—2.9 GHz)
M9360A
PXI attenuator/preselector
M9361A
PXI downconverter (2.75 GHz—26.5 GHz)
Ordering
Model
Description
M9155C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual SPDT, unterminated
M9156C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual transfer
M9157C
PXI hybrid coaxial switch, DC to 26.5 GHz, single SP6T, terminated
08 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com