Electronic Components Datasheet Search
  English  ▼

X  

PSB Datasheet(PDF) 8 Page - Illinois Capacitor, Inc.

Part # PSB
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

PSB Datasheet(HTML) 8 Page - Illinois Capacitor, Inc.

Back Button PSB Datasheet HTML 3Page - Illinois Capacitor, Inc. PSB Datasheet HTML 4Page - Illinois Capacitor, Inc. PSB Datasheet HTML 5Page - Illinois Capacitor, Inc. PSB Datasheet HTML 6Page - Illinois Capacitor, Inc. PSB Datasheet HTML 7Page - Illinois Capacitor, Inc. PSB Datasheet HTML 8Page - Illinois Capacitor, Inc. PSB Datasheet HTML 9Page - Illinois Capacitor, Inc. PSB Datasheet HTML 10Page - Illinois Capacitor, Inc. PSB Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
1.5
1500 155PSB152K4R
725
27
2.6
57.5x50x35
52.5
1.2
20.3
4
1.5
1500 155RSB152K4J
1000
23
3.3
42.5x45x30
37.5
1.2
20.3
4
1.5
1500 155RSB152K2J
1000
14
4
42.5x45x30
37.5
1.2
2
1.5
1500 155PSB152K2R
725
14
3.3
57.5x50x35
52.5
1.2
2
1.5
2000 155RSB202K2R
725
14
4.4
57.5x50x35
52.5
1.2
2
1.5
2000 155RSB202K4R
725
24.5
3.7
57.5x50x35
52.5
1.2
20.3
4
1.5
2000 155PSB202K4R
930
27
2.3
57.3x57.5x38
52.5
1.2
20.3
4
1.5
2000 155PSB202K6R
930
33
2.2
57.5x57.5x38
52.5
1.2
10.2
6
1.5
2500 155RSB252K6R
930
29
3.2
57.5x57.5x38
52.5
1.2
10.2
6
1.5
2500 155RSB252K4R
930
27
3.3
57.5x57.5x38
52.5
1.2
20.3
4
1.7
2000 175PSB202K6R
930
34.5
2.1
57.5x57.5x38
52.5
1.2
10.2
6
1.8
700
185RSB700K4H
720
19.5
2.8
32x37x22
27.5
1.2
10.5
4
1.8
700
185RSB700K4H
720
19.5
2.8
32x37x22
27.5
1.2
10.2
4
1.8
1000 185RSB102K4J
750
22.5
3.2
41.5x44x24
37.5
1.2
10.2
4
1.8
1000 185RSB102K2J
750
14
3.9
41.5x44x24
37.5
1.2
2
1.8
1500 185PSB152K2R
725
14
3.1
57.5x50x35
52.5
1.2
2
1.8
1500 185PSB152K6R
725
30.5
2.3
57.5x50x35
52.5
1.2
10.2
6
1.8
1500 185PSB152K4R
725
27
2.4
57.5x50x35
52.5
1.2
20.3
4
2
700
205PSB700K4J
600
22.5
2.5
42.5x37x28
37.5
1.2
10.2
4
2
700 205PSB700K2JA
600
14
3.2
41.5x40x20
37.5
1.2
2
2
700
205RSB700K2J
455
13
4.9
42x32x17
37.5
1.2
2
2
700 205PSB700K4JA
600
22.5
2.5
41.5x40x20
37.5
1.2
10.2
4
2
700
205PSB700K2J
600
14
3.2
42.5x37x28
37.5
1.2
2
2
850
205PSB850K2J
750
14
2.7
42.5x45x30
37.5
1.2
2
2
850 205RSB850K4JA
600
17
4.2
41.5x40x20
37.5
1.2
10.2
4
2
850
205RSB850K4J
600
17
4.2
42.5x37x28
37.5
1.2
10.2
4
2
850
205RSB850K2J
600
14
4.9
42.5x37x28
37.5
1.2
2
2
850 205RSB850K2JA
600
14
4.9
41.5x40x20
37.5
1.2
2
2
850
205PSB850K4J
750
27
2.1
42.5x45x30
37.5
1.2
20.3
4
2
850
205PSB850K6J
750
29
2
42.5x45x30
37.5
1.2
10.2
6
2
1000 205PSB102K4R
500
26
2.7
57.5x45x30
52.5
1.2
20.3
4
2
1000 205RSB102K2J
750
14
3.9
42.5x45x30
37.5
1.2
2
2
1000 205RSB102K4J
750
23
3.2
42.5x45x30
37.5
1.2
20.3
4
2
1000 205PSB102K2R
500
14
3.4
57.5x45x30
52.5
1.2
2
2
1200 205PSB122K2R
575
14
3.2
57.5x45x30
52.5
1.2
2
2
1200 205PSB122K4R
575
26.5
2.5
57.5x45x30
52.5
1.2
20.3
4
2
1200 205PSB122K6R
575
29
2.4
57.5x45x30
52.5
1.2
10.2
6
2
1500 205RSB152K4R
575
22.5
3.6
57.5x45x30
52.5
1.2
20.3
4
2
1500 205RSB152K2R
575
14
4.3
57.5x45x30
52.5
1.2
2
2.2
700
225RSB700K2J
455
13.5
4.6
42.5x30x22
37.5
1.2
2
2.2
700
225PSB700K2J
600
14
3.1
42.5x37x28
37.5
1.2
2
2.2
700
225PSB700K4J
600
23
2.4
42.5x37x28
37.5
1.2
20.3
4
2.2
850
225PSB850K4J
750
27
2.1
42.5x45x30
37.5
1.2
20.3
4
2.2
850
225PSB850K6J
750
30
2
42.5x45x30
37.5
1.2
10.2
6
2.2
850
225PSB850K2J
750
14
2.7
42.5x45x30
37.5
1.2
2
2.2
850
225RSB850K4J
600
17.5
4.1
42.5x37x28
37.5
1.2
20.3
4
2.2
850
225RSB850K2J
600
14
4.8
42.5x37x28
37.5
1.2
2
2.2
1000 225RSB102K2J
750
14
3.8
42.5x45x30
37.5
1.2
2
2.2
1000 225RSB102K4J
750
24
3.1
42.5x45x30
37.5
1.2
20.3
4
2.2
1000 225PSB102K2R
500
14
3.3
57.5x45x30
52.5
1.2
2
2.2
1000 225PSB102K4R
500
26
2.6
57.5x45x30
52.5
1.2
20.3
4
2.2
1200 225PSB122K4R
575
27
2.4
57.5x50x35
52.5
1.2
20.3
4
2.2
1200 225PSB122K6R
575
31
2.3
57.5x50x35
52.5
1.2
10.2
6
2.2
1200 225PSB122K2R
575
14
3
57.5x50x35
52.5
1.2
2
2.2
1200 225RSB122K4R
500
22
3.7
57.5x45x30
52.5
1.2
10.2
4
2.2
1200 225RSB122K2R
500
14
4.4
57.5x45x30
52.5
1.2
2
2.2
1500 225RSB152K2R
575
14
4.2
57.5x50x35
52.5
1.2
2
2.2
1500 225PSB152K4R
725
27
3
57.5x57.5x38
52.5
1.2
20.3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com