Electronic Components Datasheet Search
  English  ▼

X  

PSB Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # PSB
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

PSB Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  PSB Datasheet HTML 1Page - Illinois Capacitor, Inc. PSB Datasheet HTML 2Page - Illinois Capacitor, Inc. PSB Datasheet HTML 3Page - Illinois Capacitor, Inc. PSB Datasheet HTML 4Page - Illinois Capacitor, Inc. PSB Datasheet HTML 5Page - Illinois Capacitor, Inc. PSB Datasheet HTML 6Page - Illinois Capacitor, Inc. PSB Datasheet HTML 7Page - Illinois Capacitor, Inc. PSB Datasheet HTML 8Page - Illinois Capacitor, Inc. PSB Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.33
1500 334RSB152K2H
1220
12
6
32x33x18
27.5
1.2
2
0.33
1500 334PSB152K2H
1900
14
4.1
32x37x22
27.5
1.2
2
0.33
1500 334PSB152K2J
1220
12.5
5.4
42.5x30x22
37.5
1.2
2
0.33
2000 334RSB202K2H
1900
14
5.8
32x37x22
27.5
1.2
2
0.33
2000 334PSB202K2J
1600
14
4.9
42.5x37x28
37.5
1.2
2
0.33
2000 334RSB202K2J
1600
11
7.4
42.5x30x22
37.5
1.2
2
0.33
2000 334PSB202K2JA
1600
14
4.9
41.5x40x20
37.5
1.2
2
0.33
2000 334PSB202K4JA
1600
18
4.2
41.5x40x20
37.5
1.2
10.2
4
0.33
2000 334RSB202K4H
1600
15.5
5.1
32x37x22
27.5
1.2
10.2
4
0.33
2000 334PSB202K4J
1600
17.5
4.2
42.5x37x28
37.5
1.2
10.2
4
0.33
2500 334PSB252K4J
1400
19.5
3.9
42.5x45x30
37.5
1.2
4
0.33
2500 334PSB252K4J
1400
19.5
3.9
42.5x45x30
37.5
1.2
4
0.33
2500 334PSB252K2J
2050
14
4.6
42.5x45x30
37.5
1.2
2
0.33
2500 334PSB252K2J
2050
14
4.6
42.5x45x30
37.5
1.2
2
0.33
3000 334PSB302K2R
900
14
5.1
57.5x45x30
52.5
1.2
2
0.33
3000 334RSB302K2J
2050
14
6.2
42.5x45x30
37.5
1.2
2
0.33
3000 334RSB302K4J
2050
18
5.5
42.5x45x30
37.5
1.2
10.2
4
0.33
3000 334PSB302K4R
1120
20.5
4.4
57.5x45x30
52.5
1.2
20.3
4
0.39
2500 394PSB252K4J
2050
22
3.5
42.5x45x30
37.5
1.2
4
0.39
2500 394PSB252K2J
2050
14
4.4
42.5x45x30
37.5
1.2
2
0.47
700
474PSB700K2H
900
10
4.8
32x24.5x15
27.5
1
2
0.47
850
474PSB850K2H
1120
14
3.9
32x33x18
27.5
1.2
2
0.47
850
474PSB850K4H
1120
16.5
3.2
32x33x18
27.5
1.2
10.2
4
0.47
1000 474PSB102K4H
1300
17
3
32x33x18
27.5
1.2
10.2
4
0.47
1000 474PSB102K2H
1300
14
3.7
32x33x18
27.5
1.2
2
0.47
1000 474PSB102K2J
870
12
4.7
42.5x28x17
37.5
1.2
2
0.47
1200 474PSB122K2H
1500
14
3.4
32x37x22
27.5
1.2
2
0.47
1200 474PSB122K2J
1000
13.5
4.8
42.5x30x22
37.5
1.2
2
0.47
1200 474RSB122K2H
1120
12.5
5.7
32x33x18
27.5
1.2
2
0.47
1200 474PSB122K4H
1500
20.5
2.7
32x37x22
27.5
1.2
4
0.47
1500 474PSB152K4J
1220
16
3.8
42.5x37x28
37.5
1.2
10.2
4
0.47
1500 474RSB152K2H
1500
14
4.8
32x37x22
27.5
1.2
2
0.47
1500 474PSB152K2J
1220
14
4.5
42.5x37x28
37.5
1.2
2
0.47
1500 474RSB152K4H
1500
16.5
4.1
32x37x22
27.5
1.2
10.2
4
0.47
2000 474PSB202K4JA
1600
21.5
3.4
41.5x44x24
37.5
1.2
10.2
4
0.47
2000 474RSB202K2J
1220
13
6.1
42.5x33.5x22
37.5
1.2
2
0.47
2000 474PSB202K2JA
1600
14
4.1
41.5x44x24
37.5
1.2
2
0.47
2000 474PSB202K2J
1600
14
4.1
42.5x37x28
37.5
1.2
2
0.47
2000 474PSB202K4J
1600
20
3.4
42.5x37x28
37.5
1.2
20.3
4
0.47
2500 474PSB252K4R
1150
21
4
57.5x45x30
52.5
1.2
20.3
4
0.47
2500 474RSB252K4J
1600
16.5
4.8
42.5x37x28
37.5
1.2
10.2
4
0.47
2500 474RSB252K4JA
1600
18
4.8
41.5x44x24
37.5
1.2
10.2
4
0.47
2500 474PSB252K2R
1150
14
4.7
57.5x45x30
52.5
1.2
2
0.47
2500 474RSB252K2J
1600
14
5.5
42.5x37x28
37.5
1.2
2
0.47
2500 474RSB252K2JA
1600
14
5.5
41.5x44x24
37.5
1.2
2
0.47
3000 474RSB302K4R
1150
18
5.9
57.5x45x30
52.5
1.2
10.2
4
0.47
3000 474PSB302K2R
1400
14
4.6
57.5x50x35
52.5
1.2
2
0.47
3000 474RSB302K2R
1150
14
6.6
57.5x45x30
52.5
1.2
2
0.47
3000 474PSB302K4R
1400
23.5
3.9
57.5x50x35
52.5
1.2
20.3
4
0.56
1500 564PSB152K4J
1220
19.5
3.5
41.5x40x20
37.5
1.2
10.2
4
0.56
1500 564PSB152K2J
1220
14
4.2
41.5x40x20
37.5
1.2
2
0.56
2000 564PSB202K2J
1600
14
3.8
42.5x45x30
37.5
1.2
2
0.56
2000 564PSB202K4J
1600
23.5
3.1
42.5x45x30
37.5
1.2
20.3
4
0.56
2500 564PSB252K4R
1150
22.5
3.6
57.5x45x30
52.5
1.2
20.3
4
0.56
2500 564PSB252K2R
1150
14
4.3
57.5x45x30
52.5
1.2
2
0.63
3000 634PSB302K4R
1400
26.5
3.5
57.5x57.5x38
52.5
1.2
20.3
4
0.63
3000 634PSB302K6R
1400
27.5
3.4
57.5x57.5x38
52.5
1.2
10.2
6
0.68
700
684PSB700K4H
900
17
3.1
32x33x18
27.5
1.2
5.1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com