Electronic Components Datasheet Search
  English  ▼

X  

PSB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # PSB
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

PSB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  PSB Datasheet HTML 1Page - Illinois Capacitor, Inc. PSB Datasheet HTML 2Page - Illinois Capacitor, Inc. PSB Datasheet HTML 3Page - Illinois Capacitor, Inc. PSB Datasheet HTML 4Page - Illinois Capacitor, Inc. PSB Datasheet HTML 5Page - Illinois Capacitor, Inc. PSB Datasheet HTML 6Page - Illinois Capacitor, Inc. PSB Datasheet HTML 7Page - Illinois Capacitor, Inc. PSB Datasheet HTML 8Page - Illinois Capacitor, Inc. PSB Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
0.12
3000 124PSB302K4J
2500
13.5
7.6
41.5x40x20
37.5
1.2
10.2
4
0.15
700
154PSB700K2G
1200
5.5
9.5
26.5x18.5x10
22.5
0.8
2
0.15
850
154PSB850K2G
1550
6.5
7.5
26.5x20x11
22.5
0.8
2
0.15
850
154PSB850K2H
1120
6.5
8.6
32x20x11
27.5
0.8
2
0.15
1000 154PSB102K2G
1800
7
7.3
26.5x22x13
22.5
0.8
2
0.15
1000 154PSB102K2H
1300
6.5
8.2
32x20x11
27.5
0.8
2
0.15
1200 154PSB122K2H
1500
7.5
7.6
32x22x13
27.5
1
2
0.15
1500 154PSB152K2H
1900
8.5
7.1
32x24.5x15
27.5
1
2
0.15
2000 154PSB202K2H
2550
11
6.5
32x33x18
27.5
1.2
2
0.15
2000 154PSB202K2J
1600
9.5
8.1
42.5x28x17
37.5
1.2
2
0.15
2000 154PSB202K4H
2550
12.5
5.8
32x33x18
27.5
1.2
10.2
4
0.15
2500 154PSB252K4J
3350
14.5
5.3
32x37x22
27.5
1.2
10.2
4
0.15
2500 154PSB252K2J
2050
10.5
7.9
42.5x30x22
37.5
1.2
2
0.15
2500 154RSB252K2J
2550
10
9.1
32x33x18
27.5
1.2
2
0.15
2500 154PSB252K2J
3350
13.5
6
32x37x22
27.5
1.2
2
0.15
3000 154PSB302K2JA
2500
14
6.7
41.5x44x24
37.5
1.2
2
0.15
3000 154PSB302K2J
2500
14
6.7
42.5x37x28
37.5
1.2
2
0.15
3000 154RSB302K2H
3350
12
8.5
32x37x22
27.5
1.2
2
0.15
3000 154RSB302K2J
2050
9
10.8
42x32x17
37.5
1.2
2
0.15
3000 154RSB302K2H
3350
10
9.1
32x37x22
27.5
1.2
2
0.15
3000 154PSB302K4JA
2500
16
6
41.5x44x24
37.5
1.2
10.2
4
0.15
3000 154PSB302K4J
2500
15
6
42.5x37x28
37.5
1.2
20.3
4
0.18
3000 184PSB302K4J
2500
17.5
5.3
41.5x44x24
37.5
1.2
10.2
4
0.18
3000 184PSB302K2J
2500
14
6
41.5x44x24
37.5
1.2
2
0.22
700
224PSB700K2G
1200
6.5
7
26.5x20x11
22.5
0.8
2
0.22
700
224PSB700K2H
900
6.5
8
32x20x11
27.5
0.8
2
0.22
850
224PSB850K2H
1120
8
6.4
32x22x13
27.5
1
2
0.22
1000 224PSB102K2H
1300
8.5
5.7
32x22x13
27.5
1
2
0.22
1200 224PSB122K2H
1500
9.5
5.4
32x24.5x15
27.5
1
2
0.22
1500 224PSB152K2H
1900
12.5
5.1
32x33x18
27.5
1.2
2
0.22
1500 224PSB152K2J
1220
10.5
6.9
42.5x28x17
37.5
1.2
2
0.22
1500 224PSB152K4H
1900
14
4.4
32x33x18
27.5
1.2
10.2
4
0.22
2000 224PSB202K4H
2550
16
4.5
32x37x22
27.5
1.2
10.2
4
0.22
2000 224PSB202K2H
2550
14
5.2
32x37x22
27.5
1.2
2
0.22
2000 224PSB202K2J
1600
12
5.9
42.5x30x22
37.5
1.2
2
0.22
2000 224RSB202K2H
1900
11
8.1
32x33x18
27.5
1.2
2
0.22
2500 224PSB252K2J
2050
14
6
42.5x37x28
37.5
1.2
2
0.22
2500 224PSB252K2JA
2050
14
6
41.5x40x20
37.5
1.2
2
0.22
2500 224RSB252K2H
2550
12.5
7.1
32x37x22
27.5
1.2
2
0.22
2500 224RSB252K2J
1600
10
8.3
42x32x17
27.5
1.2
2
0.22
2500 224PSB252K4J
2050
16
5.3
42.5x37x28
37.5
1.2
4
0.22
2500 224PSB252K4JA
2050
16
5.3
41.5x40x20
37.5
1.2
10.2
4
0.22
3000 224PSB302K4J
2050
18.5
4.4
42.5x45x30
37.5
1.2
20.3
4
0.22
3000 224RSB302K2J
2050
12.5
8.1
42.5x37x28
37.5
1.2
2
0.22
3000 224RSB302K4J
2050
13.5
7.4
42.5x37x38
37.5
1.2
10.2
4
0.22
3000 224RSB302K4JA
2050
14
7.4
41.5x40x20
37.5
1.2
10.2
4
0.22
3000 224PSB302K2J
2050
14
5.1
42.5x45x30
37.5
1.2
2
0.22
3000 224RSB302K2J
2050
12.5
8.1
42.5x37x28
37.5
1.2
2
0.22
3000 224RSB302K2JA
2050
12.5
8.1
41.5x40x20
37.5
1.2
2
0.3
2500 304PSB252K2J
2050
14
4.8
41.5x44x24
37.5
1.2
2
0.3
2500 304PSB252K4J
2050
20
4.1
41.5x44x24
37.5
1.2
10.2
4
0.33
700
334PSB700K2H
1500
8.5
6
32x22x13
27.5
1
2
0.33
850
334PSB850K2H
1900
10
4.9
32x24.5x15
27.5
1
2
0.33
1000 334PSB102K2H
1300
12.5
4.5
32x28x14
27.5
1.2
2
0.33
1200 334PSB122K2H
1500
13.5
4.3
32x33x18
27.5
1.2
2
0.33
1200 334PSB122K2J
1000
11.5
5.9
42.5x28x17
37.5
1.2
2
0.33
1200 334PSB122K4H
1500
15.5
3.6
32x33x18
27.5
1.2
4
0.33
1500 334PSB152K4H
1900
18
3.4
32x37x22
27.5
1.2
10.2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com