Electronic Components Datasheet Search
  English  ▼

X  

DM9301F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM9301F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
5
Version: DM9301-DS-F02
May 8, 2000
Pin Description
Pin No.
Pin Name
I/O
Description
Media Interface
1, 2
TPRXI+,
TPRXI-
I
100Mbps-TX Differential Input Pair:
These pins are differential receive input for 100BASE-
TX. They are capable of receiving 100BASE-TX MLT-3
data.
13, 14
TPTXO-,
TPTXO+
O
100BASE-TX Differential Output Pair:
These outputs drive MLT-3 encoded data over 100Mbps
twisted pair cable and provide controlled rise and fall
times designed to filter the transmitter
output,
reducing any associated EMI.
24, 25
PECLRXI-,
PECLRXI+
I
100BASE-FX PECL Receive Data Differential Pair:
These pins are differential receive input for 100BASE-
FX PECL. They are capable of receiving PECL
100BASE-FX NRZI data.
18, 19
PECLTXO-,
PECLTXO+
O
100BASE-FX Transmit Differential Output Pair:
These outputs drive NRZI encoded data for PECL FX
interface.
22, 23
PECLSD-,
PECLSD+
I
100BASE-FX PECL Signal detect:
These pins are differential signals that indicate to the
DM9301 that the Optical Module interface is detecting
valid optical energy.
Clock and Misc. Interface
27
OSCI/X1
I
Crystal or Oscillator Input:
This pin should connect to one side of a 25MHz, 50ppm
crystal if OSC/XTL#=0. This pin is the 25MHz, 50ppm
external TTL oscillator input, if OSC/XTLB=1.
28
X2
O
Crystal Oscillator Output:
The other side of a 25MHz, 50ppm crystal should
connect to this pin if OSC/XTL#=0. Leave this pin open
if OSC/XTL#=1.
30
OSC/XTL#
I
Crystal or Oscillator Selector Pin:
OSC/XTL#=0: An external 25MHz, 50ppm crystal
should connect to X1 and X2 pins.
OSC/XTL#=1: An external 25MHz, 50ppm oscillator
should connect to X1 and left X2 pin
open.
8BGREF
I
Bandgap Voltage Reference Resistor:
It connects to a 6.49K
Ω, 1% error tolerance resistor
between this pin and BGRET pin 9 to provide an
accurate current reference for the chip.
9BGRET
I
Bandgap Return
Return pin for 6.49K
Ω resistor connection, DO NOT
CONNECT TO GROUND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com