Electronic Components Datasheet Search
  English  ▼

X  

DM9301F Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DM9301F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
15
Version: DM9301-DS-F02
May 8, 2000
DC Electrical Characteristics (VCC = 5V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
TTL Inputs
(DPLXSEL, RESET# )
VIL
Input Low Voltage
0.8
V
IIL = -400uA
VIH
Input High Voltage
2.0
V
IIH = 100uA
IIL
Input Low Current
-200
uA
VIN = 0.4V
IIH
Input High Current
100
uA
VIN = 2.7V
LED Driver Outputs
(FXLINKLED#, TXLINKLED#, FXRXD#,RXRXD#)
VOL
Output Low Voltage
0.4
V
IOL = 8mA
VOH
Output High Voltage
2.4
V
IOH = -0.1mA
TPTX Receiver
VICM
RXI+/RXI- Input Common-Mode
Voltage
1.5
2.0
2.5
V
100
Ω Termination
Across
TPTX Transmitter
ITD100
100TXO+/- 100BASE-TX Mode
Differential Output Current
mA
PECL FX Transmitter
IFD100
PECLTX+/- 100BASE-FX Mode
Differential Output Current
mA
VOH
PECL Output Voltage – High
VCC-
1.05
VCC-
0.88
V
VOL
PECL Output Voltage – Low
VCC-
1.81
VCC-
1.62
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com