Electronic Components Datasheet Search
  English  ▼

X  

DM9301F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM9301F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
9
Version: DM9301-DS-F02
May 8, 2000
Diagnostic Port Interface (Continued)
49
FRCFXSD
I
Force FX Signal Detect
Forces the DM9301 FX interface Signal Detect true
Initiated at a H/W reset. Active high.
38
TPEN
I
Test Port Enable:
Enables the DM9301 Test Port features.
Initiated at a H/W reset. Active high.
87
TPMUX
I
Test Port Mux:
Controls the DM9301
Test Port Input and Output bits.
A value of zero indicates the TX interface and a value of
one indicates the FX interface. TPEN must be true (one)
for this signal to take effect.
Initiated at a H/W reset. Active high.
41
BPSCRAM
I
Bypass Scrambler:
Controls the DM9301
TX interface Scrambler/De-
scrambler function. A value of zero indicates to
scramble and de-scramble the TX interface
5-bit
symbol data to and from the FX interface. A value of one
bypasses the scrambler/de-scrambler function.
Initiated at a H/W reset. Active high.
Power and Ground Pins :
The power (VCC) and ground (GND) pins of the DM9301 are grouped in pairs of two categories - Digital
Circuitry Power/Ground Pairs and Analog Circuitry Power/Ground Pair.
Group A - Digital Supply Pairs
33, 42, 50, 53,
63, 68, 82, 90,
98
DGND
P
Digital Logic Ground.
37, 46, 51, 66,
81, 94
DVCC
P
Digital Logic power supply
Group B - Analog Circuit Supply Pairs
5, 6, 11, 12, 20,
29, 32, 99, 100,
AGND
P
Analog circuit ground
3, 4, 7, 15, 21,
26, 31
AVCC
P
Analog circuit power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com