Electronic Components Datasheet Search
  English  ▼

X  

I595 Datasheet(PDF) 2 Page - ILSI America LLC

Part # I595
Description  Advanced PLL Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I595 Datasheet(HTML) 2 Page - ILSI America LLC

  I595 Datasheet HTML 1Page - ILSI America LLC I595 Datasheet HTML 2Page - ILSI America LLC I595 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
I595 / I795 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 3/28/15_D
Page 2 of 3
Pin Select Funtions
Voltage Control Function (Pin 1) I795 only
E/D Function (Pin 2)
VC Voltage Center & Range
+1.5 V ±1.0 V for both Vcc = +2.5
V & +3.3 V
E/D Control
0.7% of Vcc min or no connection enable output
0.3% of Vcc max to disable output (high impedance)
Frequency Pull Range
±8.0 ppm
E/D Time
200 nSec max
Linearity
±1% typ, ±10% max
Disable Time
50 nSec max
Transfer Function
Positive
Absolute Voltage
Vcc = +3.3 V
Vcc = +2.5 V
+3.63 V max
+2.63 V max
Input Impedance
770 kΩ typ
Harmonics
-5.0 dBc max
SSB Phase Noise
Offset
77.76
156.25
212.50
622.08
1000.00
1250.00
10 Hz
-62 dBc/Hz
-65 dBc/Hz
-61 dBc/Hz
-51 dBc/Hz
-40 dBc/Hz
-43 dBc/Hz
100 Hz
-100 dBc/Hz
-92 dBc/Hz
-90 dBc/Hz
-79 dBc/Hz
-73 dBc/Hz
-75 dBc/Hz
1 kHz
-116 dBc/Hz
-108 dBc/Hz
-106 dBc/Hz
-97 dBc/Hz
-91 dBc/Hz
-89 dBc/Hz
10 kHz
-122 dBc/Hz
-114 dBc/Hz
-110 dBc/Hz
-102 dBc/Hz
-99 dBc/Hz
-95 dBc/Hz
100 kHz
-124 dBc/Hz
-117 dBc/Hz
-112 dBc/Hz
-103 dBc/Hz
-99 dBc/Hz
-96 dBc/Hz
1 MHz
-144 dBc/Hz
-139 dBc/Hz
-133 dBc/Hz
-125 dBc/Hz
-121 dBc/Hz
-117 dBc/Hz
10 MHz
-152 dBc/Hz
-147 dBc/Hz
-142 dBc/Hz
-134 dBc/Hz
-129 dBc/Hz
-127 dBc/Hz
Supply Current
Current Consumption
LVCMOS
LVPECL
LVDS
Vcc = +2.50 VDC
All values are typical an over
the operating temperature.
50 MHz = 24mA
125 MHz = 28 mA
200 MHz = 30 mA
156 MHZ = 36mA
600 MHz = 40mA
800 MHz = 46mA
1.0G Hz = 50mA
156 MHZ = 22mA
600 MHz = 28mA
800 MHz = 30mA
1.0G Hz = 34mA
Vcc = +3.30 VDC
All values are typical an over
the operating temperature.
50 MHz = 26mA
125 MHz = 30 mA
200 MHz = 34 mA
156 MHZ = 40mA
600 MHz = 45mA
800 MHz = 48mA
1.0G Hz = 52mA
156 MHZ = 25mA
600 MHz = 30mA
800 MHz = 32mA
1.0G Hz = 36mA
Table 1
Tape and Reel Information:
Quantity per
Reel
3000
A
8.0 ±0.2
B
4.0 ±0.1
C
3.5 ±0.05
D
9.0 ±0.3
E
60 / 80
F
180 / 250



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com