Electronic Components Datasheet Search
  English  ▼

X  

I595 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I595
Description  Advanced PLL Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I595 Datasheet(HTML) 1 Page - ILSI America LLC

  I595 Datasheet HTML 1Page - ILSI America LLC I595 Datasheet HTML 2Page - ILSI America LLC I595 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
I595 / I795 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 3/28/15_D
Page 1 of 3
Product Features:
Advanced PLL Technology
0.8 pSec Phase Jitter typ.
Fast Delivery
RoHS and Lead Free Compliant
Applications:
Server & Storage
CDMA / WCDMA
802.11 / Wifi
T1/E1. T3/E3
3.20±0.10
2.50±0.10
2.00±0.20
1.60±0.10
13
4
6
5
2
2.10
.50
.72
.50
.90
.50
2.56
1.60
1.10
.68
.75
Suggested
Land Pattern
N/C or Ground
Pin 1
Pin Connections
Voltage Control
Pin 5
Pin 6
Supply Voltage (Vcc)
TCVCXO
TCXO
Pin 2
N/C or Enable / Disable
Pin 3
Ground
Pin 4
Output
LVCMOS
N/C
LVPECL
LVDS
Complementary Output
Dimensions in mm
Frequency
LVCMOS
LVPECL
LVDS
10.000 MHz to 245.000 MHz
10.000 MHz to 1450.000 MHz
10.000 MHz to 1450.000 MHz
Output Levels
LVCMOS
LVPECL
LVDS
Logic “0” = 10% of Vcc max
Logic “1” = 90% of Vcc min
Logic “0” = Vcc – 1.85 Vmin, Vcc – 1.60 V max
Logic “1” = Vcc – 1.03 V min, Vcc -0.60 V max
Logic “0” = 1.10 V typ, 0.90 V min
Logic “1” = 1.40 V typ, 1.60 V max
Load
LVCMOS
LVPECL
LVDS
15pF
Differential
Differential
Duty Cycle
50% ±5% (Ref to 50% of waveform)
Rise / Fall Time
LVCMOS
LVPECL
LVDS
1.5 nSec typ, 3.0 nSec max (10% to 90% of waveform)
0.2 nSec typ, 0.5 nSec max (20% to 80% of waveform)
0.2 nSec typ, 0.4 nSec max (20% to 80% of waveform)
Frequency Stability
Initial Calibration Tolerance
vs. Temperature
vs. Aging
vs. Voltage
vs. Load
vs. Reflow
±1.0 ppm max at +25ºC ±2ºC at time of shipment
See Stability in Part Number Guide
±1.0 ppm max per year at +25ºC
±0.2 ppm max for a ±5% change in Supply Voltage (Vcc)
±0.2 ppm max for a ±10% change in load
±1.0 ppm max after 1 reflow and measured 24 hours after.
Start-up Time
5 mSec max
Supply Voltage (±5%)
+2.50 VDC , +3.30 VDC See Part Number Guide
Current
See table 1 sheet 2
Current with Output
Disabled
18 mA typ
Phase Noise (RMS)
0.8 pSec typ (12.000 kHz to 20.000 MHz)
Less than 400nSec (1.875 kHz to 21.000 MHz)
Temperature Range
Operating
Storage
See Operating Temperature in Part Number Guide
-55ºC to +150ºC
Notes:
1.
An 0.01 µF and 10 µF bypass capacitors are recommended between Vcc (Pin 6) and GND
(Pin 3) to minimize power supply noise
Part Number Guide
Sample Part Number: I595-63Q8H-20.000
Package
Input Voltage
Operating
Temperature
Stability
(in ppm)
Output
Enable / Disable
(Pin 2)
Frequency
I595 = TCXO
I795 = TCVCXO
3 = +3.3 V
1 = 0ºC to +70ºC
0 = ±1.5*
3 = LVCMOS
H = Enable
20.000 MHz
6 = +2.5 V
2 = -40ºC to =85ºC
P = ±2.0*
8 = LVDS
O = N/C
3 = -20ºC to +70ºC
Q = ±2.5*
9 = LVPECL
5 = -30ºC to +85ºC
R = ±3.0
J = ±5.0
* Not available for all temperature ranges


Similar Part No. - I595

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I593 ILSI-I593 Datasheet
179Kb / 3P
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
More results

Similar Description - I595

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
Advanced Planar Technology
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com