Electronic Components Datasheet Search
  English  ▼

X  

I595 Datasheet(PDF) 3 Page - ILSI America LLC

Part # I595
Description  Advanced PLL Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I595 Datasheet(HTML) 3 Page - ILSI America LLC

  I595 Datasheet HTML 1Page - ILSI America LLC I595 Datasheet HTML 2Page - ILSI America LLC I595 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
I595 / I795 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 3/28/15_D
Page 3 of 3
Typical Applications:
0.01
uF
Vcc
N/C
Enable / Disable or
N/C
Oscillator
65
4
12
3
15 pF
I595
I795 Voltage Control
N/C or Ground
10 uF
OUTPUT
0.01
uF
Vcc
Enable / Disable or
N/C
Oscillator
65
4
12
3
I595
I795 Voltage Control
N/C or Ground
10 uF
Vcc
Vcc
Zo = 50?
Zo = 50?
R1
R3
R2
R4
OUTPUT
OUTPUT
Vcc = +3.3 V
Vcc = +2.5 V
R1 and R3 = 127? , R2 and R4 = 825?
R1 and R3 = 250? , R2 and R4 = 625?
0.01
uF
Vcc
Enable / Disable or
N/C
Oscillator
65
4
12
3
I595
I795 Voltage Control
N/C or Ground
10 uF
Zo = 50?
Zo = 50?
OUTPUT
OUTPUT
R1
LVPECL
LVPECL
LVDS
Environmental Specifications:
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Package Information:
MSL – N.A. (package does not contain plastic, storage life is unlimited under normal room conditions)
Termination = e4 (Au over Ni over W base metallization)
Pb Free Solder Reflow Profile:
Marking:
Line 1: I - Date Code (yww)
Line 2: Frequency
Units are backward compatible with 240ºC reflow process.
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com