Electronic Components Datasheet Search
  English  ▼

X  

PW01 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # PW01
Description  High efficiency, high reliability power connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PW01 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  PW01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0046-5
2/9
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Materials/ Finishes
Ordering Information
Components
Materials/Finishes
Insulator
66 nylon (UL94V-0)
Press fit pin contact
CA725(Au plating over Ni)
Contact
Crimp contact
High conductive copper
alloy (Au plating over Ni)
Components
Materials/Finishes
Insulator
66 nylon (UL94V-0)
Crimp
contact
High conductive copper alloy
(Au plating over Ni)
Pin
Socket
Contact plating finish code
Code
Contact portion
Crimp portion
Terminal portion
(compliant)
1
0.1 um min. Au over Ni
2
0.3 um min. Au over Ni
3
0.76 um min. Au over Ni
Sn plating over Ni
Au Flash
Pin (Board mounting type)
Pin (Electric cable relay type)
PW01 -3 P C -A Y
No. of contacts
3:3pos.
Pin
C: Crimp type
Color of housing
Y: yellow
Modification code
PW01 - * P 0 9 -M 1 - A Y *
Series
No. of contacts 2:2pos.
3:3pos.
Pin
Applicable through hole dia.
(09 dia. :0.9 dia.)
Terminal shape
M: Σ type (compliant pin)
Terminal length
Modification code
Color of housing Y: yellow
Plating specification
of contact portion
A: With out attachment pin
B: With attachment pin
Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com