Electronic Components Datasheet Search
  English  ▼

X  

PW01 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # PW01
Description  High efficiency, high reliability power connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PW01 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  PW01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MB-0046-5
3/9
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Socket (Crimp type)
PW01 - * S C - A Y
No. of contacts
2: 2pos. 3: 3pos.
Socket
Crimp type
Modification code
Color of housing
Y: yellow
Pin contact (Crimp type)
PW01 - P C 1 - * - 800 E
Pin header
Crimp type
Plating
800: Reeled contacts/ QTY. 800 pcs.
Applicable electric wire
JIS-C-3316 (5.5mm 2 wire or 2.0 mm 2 double wires)
PW01 - P C 1 - * - * - 800 E
Pin header
Crimp type
Plating
800: Reeled contacts/ QTY. 800 pcs.
Applicable electric wire
Modification code
1: AWG12
2: AWG14 or 3: AWG16
Socket contact (Crimp type)
Applicable electric wire
JIS-C-3316 (5.5mm 2 wire or 2.0 mm2 double wires)
PW01 - C 1 - * - *** E
Crimp type
Plating
20SA: Stick carrier/ QTY. 20pcs.
800: Reeled contacts/ QTY. 800 pcs.
Series
Series
Series
Series
RoHS Compliant
RoHS Compliant
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com