Electronic Components Datasheet Search
  English  ▼

X  

PW01 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # PW01
Description  High efficiency, high reliability power connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PW01 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  PW01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. PW01 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/9
MB-0046-5
October 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Pin connector (pin header) is press fit type (finish diameter: 0.82 to 0.98 dia. ), and the
mounting pitch is 2.54mm. For three contact connector, a wire relay connector is available.
Mold latch ensures complete mating and unmating.
Highly conductive copper alloy is used for contacts, and individual two-point contact system
and gold plating ensure high contact reliability. (CA725 is used for press fit contacts.)
Applicable cables are one JIS-C-3316 5.5mm2 (equivalent to AWG 10) or two JIS-C-3316
2.0mm2 (equivalent to AWG 14) crimp. For relay pin contacts, AWG 12 to 16 are applicable.
Secondary hook mechanism to secure cable.
Features
<<Overview>>
This product is a high-reliability connector for power units designed for transmission devices,
switcher, and other electrical devices. It occupies a small volume thanks to the use of planar
contacts. Two-contact and three-contact connectors are available.
No. of contacts: 2 or 3 pos.
Contact resistance: 20m ohm max. (Initial)
Withstand voltage: 1000Vr.m.s
(for 1 minute)
Operating temperature: -10 to +65 Deg.C
Rated current: 15A
Insulation resistance: 1 x 105 M ohm min.
Mating force: 222.5N max.
Retention force: 44.1N min.
General specifications
Thickness of board: 2.4t min.
Board material: Glass-filled epoxy
Suitable through-hole: 0.82 to 0.98 dia.
Finish diameter: (Target 0.87 to 0.94 dia.)
Through-hole plating: Copper
Through-hole plating thickness: 40±20um
PW01 Series
Applicable board specifications
High efficiency, high reliability power connector
RoHS Compliant


Similar Part No. - PW01

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
PW01-2SC-AG JAE-PW01-2SC-AG Datasheet
37Kb / 2P
PW01 Series (High Efficiency, High Reliability Power Connector)
PW01-2SC-AY JAE-PW01-2SC-AY Datasheet
37Kb / 2P
PW01 Series (High Efficiency, High Reliability Power Connector)
PW01-3P09-M1-AG3 JAE-PW01-3P09-M1-AG3 Datasheet
37Kb / 2P
PW01 Series (High Efficiency, High Reliability Power Connector)
PW01-3P09-M1-AY1 JAE-PW01-3P09-M1-AY1 Datasheet
37Kb / 2P
PW01 Series (High Efficiency, High Reliability Power Connector)
PW01-3P09-M1-AY3 JAE-PW01-3P09-M1-AY3 Datasheet
37Kb / 2P
PW01 Series (High Efficiency, High Reliability Power Connector)
More results

Similar Description - PW01

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
High efficiency and reliability
FSP060-DBAB1 SPI-FSP060-DBAB1 Datasheet
64Kb / 1P
High efficiency and reliability
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
High efficiency and reliability
FSP084-DIBAN2 SPI-FSP084-DIBAN2 Datasheet
50Kb / 1P
High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
High efficiency and reliability
FSP150-AHAN2 SPI-FSP150-AHAN2 Datasheet
34Kb / 1P
High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
High efficiency and reliability
logo
Wall Industries,Inc.
WMGPSU06X-CC WALL-WMGPSU06X-CC Datasheet
257Kb / 4P
High Efficiency and Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com