Electronic Components Datasheet Search
  English  ▼

X  

BTS5010-1EKB Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # BTS5010-1EKB
Description  Smart High-Side Power Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5010-1EKB Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button BTS5010-1EKB Datasheet HTML 35Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 36Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 37Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 38Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 39Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 40Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 41Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 42Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Data Sheet
39
Rev. 2.0, 2012-04-17
PROFET™+ 12V
BTS5010-1EKB
Characterization Results
9.1.3
Current Consumption Channel active
P_4.2.5
Figure 31
Current Consumption for Whole Device with Load. One Channel Active
I
GND_1 = f(TJ;VS)
9.1.4
Standby Current for Whole Device with Load
P_4.2.7, P_4.2.10
Figure 32
Standby Current for Whole Device with Load.
I
S(OFF) = f(TJ;VS)
9.2
Power Stage
9.2.1
Output Voltage Drop Limitation at Low Load Current
P_5.5.4
3
5
7
9
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Temperature TJ (°C)
8V
13V
18V
Current consumption one channel active.vsd
0
2
4
6
8
10
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Temperature TJ (°C)
8V
13V
18V
Stand_by_current_for_whole_device_with_load.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com