Electronic Components Datasheet Search
  English  ▼

X  

BTS5010-1EKB Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS5010-1EKB
Description  Smart High-Side Power Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5010-1EKB Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS5010-1EKB Datasheet HTML 17Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 18Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 19Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 20Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 21Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 22Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 23Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 24Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Data Sheet
21
Rev. 2.0, 2012-04-17
PROFET™+ 12V
BTS5010-1EKB
Protection Functions
6
Protection Functions
The device provides integrated protection functions. These functions are designed to prevent the destruction of
the IC from fault conditions described in the data sheet. Fault conditions are considered as “outside” normal
operating range. Protection functions are designed for neither continuous nor repetitive operation.
6.1
Loss of Ground Protection
In case of loss of the module ground and the load remains connected to ground, the device protects itself by
automatically turning OFF (when it was previously ON) or remains OFF, regardless of the voltage applied on IN
pin.
In case of loss of device ground, it’s recommended to use input resistors between the microcontroller and the
BTS5010-1EKB to ensure switching OFF of channel.
In case of loss of module or device ground, a current (
I
OUT(GND)) can flow out of the DMOS. Figure 14 sketches
the situation.
Z
GND is recommended to be resistor in parrallel to diode.
Figure 14
Loss of Ground Protection with External Components
6.2
Undervoltage Protection
Between
V
S(UV) and VS(OP), the undervoltage mechanism is triggered. VS(OP) represents the minimum voltage
where the switching ON and OFF can takes place.
V
S(UV) represents the minimum voltage the switch can hold ON.
If the supply voltage is below the undervoltage mechanism
V
S(UV), the device is OFF (turns OFF). As soon as the
supply voltage is above the undervoltage mechanism
V
S(OP), then the device can be switched ON. When the switch
is ON, protection functions are operational. Nevertheless, the diagnosis is not guaranteed until
V
S is in the VNOM
range. Figure 15 sketches the undervoltage mechanism.
IN
DEN
IS
ZDESD
GND
OUT
VS
VBAT
ZD(AZ)
LOGIC
Loss of ground protection single.svg
IOUT(GND)
ZDS(AZ)
RIN
RDEN
RSENSE
RIS
ZIS(AZ)
ZGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com