Electronic Components Datasheet Search
  English  ▼

X  

BTS5010-1EKB Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS5010-1EKB
Description  Smart High-Side Power Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5010-1EKB Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS5010-1EKB Datasheet HTML 9Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 10Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 11Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 12Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 13Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 14Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 15Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 16Page - Infineon Technologies AG BTS5010-1EKB Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Data Sheet
13
Rev. 2.0, 2012-04-17
PROFET™+ 12V
BTS5010-1EKB
General Product Characteristics
Figure 5
PC Board Top and Bottom View for Thermal Simulation with 600 mm² Cooling Area
4.3.2
Thermal Impedance
Figure 6
Typical Thermal Impedance. PCB set up according Figure 5
thermique SO14.vsd
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COOLING
TAB
V
S
PCB top view
PCB bottom view
0,01
0,1
1
10
100
0,0001
0,001
0,01
0,1
1
10
100
1000
Time [s]
1s0p-footprint
1s0p-300mm²
1s0p-600mm²
2s2p
RTHJA_BTS5010 _1EKA.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com