Electronic Components Datasheet Search
  English  ▼

X  

SM3 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # SM3
Description  PCI-SIG M.2 Specification Compatible Card Edge Connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SM3 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  SM3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MB-0261-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
5/16
KEY#
X
a
b
c
d
A
+6.625
1
14.5
1.5
14.5
B
+5.625
2
13.5
2.5
13.5
E
+2.625
5
10.5
5.5
10.5
M
-6.125
14
1.5
14
2
Module
Height
Z
MAX 1.2mm
MAX 3.55mm
MAX 1.35mm
MAX 3.70mm
MAX 1.5mm
MAX 3.85mm
Part Number: SM3ZS067U310**
(Product Height 3.1mm)
When module is inserted
Product Drawing
* Please refer to product drawing when considering the use of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com