Electronic Components Datasheet Search
  English  ▼

X  

SM3 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SM3
Description  PCI-SIG M.2 Specification Compatible Card Edge Connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SM3 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SM3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0261-4
April 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/16
SM3 Series
PCI-SIG M.2 Specification Compatible Card Edge Connector
(Note 1) Polarizing keys are assigned according to application. For more information,
please refer to PCI Express M.2 Specification.
Notebook PC, tablet PC, portable game devices, STB, and others (SSD, wireless
module use)
The “SM3 Series” is a PCI-SIG PCI Express ® M.2 Specification compatible, card edge
connector into which multiple modules equipped on notebook PC and tablet PC such as
Wi-Fi ®, Bluetooth ®, SSD, and others can be inserted.
PCI Express ® is a registered trademark of PCI-SIG.
Wi-Fi ® is a registered trademark of Wi-Fi Alliance.
Bluetooth ® is a registered trademark of Bluetooth SIG.
RoHS Compliant
Features
Applicable Markets
Compliant with PCI Express M.2 Specification and enables transmission of PCIe Gen3,
USB3.0, DisplayPort, SATA standard, and others. (Note 1)
0.5mm pitch (2 row), 67 positions, compact card edge connector.
Available in five types: three on-board types and two sunk-into-the-board types.
Products with 4.1mm product height can mount 1mm height parts on the bottom side of
the module.
Board fixing method for sunk-into-the-board products are SMT type and through-hole
type and either can be selected according to the board layout.
Card edge connector into which multiple modules can be inserted and available in 4
types of polarizing keys by changing the mold.


Similar Part No. - SM3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
ULTRA MINIATURE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3 ETC-SM3 Datasheet
800Kb / 5P
SM Solenoids
18/8/15
logo
Bourns Electronic Solut...
SM3 BOURNS-SM3 Datasheet
570Kb / 3P
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
REV. 09/25
logo
LUMEL S.A.
SM3 LUMEL-SM3 Datasheet
567Kb / 2P
module of logic or counter inputs
logo
Connor-Winfield Corpora...
SM3-012.96M CONNOR-WINFIELD-SM3-012.96M Datasheet
406Kb / 36P
ULTRA MINIATURE STRATUM 3 MODULE
More results

Similar Description - SM3

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
M8784 HAMAMATSU-M8784 Datasheet
67Kb / 2P
PCI BUS COMPATIBLE COUNTING BOARD
logo
fujitsu semiconductor
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
PCI Graphics Controller Specification
MB86296 FUJITSU-MB86296 Datasheet
3Mb / 352P
PCI Graphics Controller Specification
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Protech Systems Co., Lt...
PCI-471LF PROTECHSYSTEMS-PCI-471LF Datasheet
326Kb / 2P
PCI ULV Celeron M CPU Card
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
MM60 JAE-MM60 Datasheet
460Kb / 6P
Compatible with PCI Express Mini Card
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
2 PCI Express Mini Card
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
Compatible With PCI Express Mini Card
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com