Electronic Components Datasheet Search
  English  ▼

X  

SM3 Datasheet(PDF) 16 Page - Japan Aviation Electronics Industry, Ltd.

Part # SM3
Description  PCI-SIG M.2 Specification Compatible Card Edge Connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SM3 Datasheet(HTML) 16 Page - Japan Aviation Electronics Industry, Ltd.

Back Button SM3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 16Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MB-0261-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
16/16
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc
Part Number
SM3ZS067
U215**
(R1500)
SM3ZS067
U410**
(R1000)
SM3ZS067
U310**
(R1500)
SM3ZS067
B120**2
(R1500)
SM3ZS067
B120**1
(R1500)
Mounting Type
On-board
Sunk-into-the-board
Depth [mm]
(7.6)
(7.6)
(7.6)
(9.45)
Height [mm]
2.15 +/-0.1
3.1 +/-0.1
4.1 +/-0.1
1.2 +/-0.1
(Product height when mounted)
Width [mm]
21.9
21.9
21.9
25.1
Polarizing
Key
Developed
A/B/E/M
A/B/E/M
A/B/E/M
B/E
Development
under
consideration
A/M
Contact
Area
Au Plating
thickness
0.1
m

0.25
m

Board Fixing Method
SMT
Through-hole
Evaluation Test
SR-C-1317
SR-C-1225
SR-C-1249
SR-C-1322
Specifications
JACS-10937 JACS-10941 JACS-10941
JACS-11000
Drawing No.
Individual
Product
SJ113567
SJ113505
SJ113503
SJ114364
SJ114362
Package
SJ113568
SJ113506
SJ113504
SJ114365
SJ114363
Product Drawing and Specification Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com