Electronic Components Datasheet Search
  English  ▼

X  

(Underdevelopment) Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # (Underdevelopment)
Description  One-touch / Screw Mating Compatible Circular Waterproof Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

(Underdevelopment) Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  (Underdevelopment) Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MB-0263-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
3/15
Arrangement
18-10
20-4
20-18
Contact Arrangement
Size x Number of Contact
#12 x 4
#12 x 4
#12 x 3
#16 x 6
Rated Current
23A / pos.
23A / pos.
23A / pos.
13A / pos.
Rated Voltage
250VAC
500VAC
250VAC
500VAC
250VAC
100VAC
Overvoltage Category
III
II
III
II
II
Pollution Level
3
2
3
2
2
Dielectric Withstanding
Voltage
2000VAC (per minute)
2000VAC (per minute)
2000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
IP67
IP67
Termination Method
Receptacle: Soldering / Crimping
Plug: Soldering
Soldering
Soldering
Durability
500 times
500 times
500 times
Arrangement
20-29
22-14
22-22
Contact Arrangement
Size x Number of Contact
#16 x 17
#16 x 19
#8 x 4
Rated Current
13A / pos.
13A / pos.
46A, 57A (Note 1) / pos.
Rated Voltage
500VAC
500VAC
250VAC
500VAC
Overvoltage Category
---
---
III
II
Pollution Level
---
---
3
2
Dielectric Withstanding
Voltage
1000VAC (per minute)
1000VAC (per minute)
2000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
IP67
IP67
Termination Method
Soldering
Soldering
Receptacle: Soldering / Crimping
Plug: Soldering
Durability
500 times
500 times
500 times
Note 1: When using 8mm2 or 10mm2 with arrangement 22-22 (Soldering Type).
Arrangements and General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com