Electronic Components Datasheet Search
  English  ▼

X  

(Underdevelopment) Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # (Underdevelopment)
Description  One-touch / Screw Mating Compatible Circular Waterproof Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

(Underdevelopment) Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  (Underdevelopment) Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MB-0263-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
4/15
Arrangement
24-11
28-11
28-21
Contact Arrangement
Size x Number of Contact
#8 x 3
#12 x 6
#12 x 4
#16 x 18
#16 x 37
Rated Current
46A / pos.
23A / pos.
23A / pos.
13A / pos.
13A / pos.
Rated Voltage
250VAC
100VAC
250VAC
100VAC
100VAC
Overvoltage Category
III
II
III
---
Pollution Level
3
2
2 (Note: mating area is 3)
---
Dielectric Withstanding
Voltage
2000VAC (per minute)
2000VAC (per minute)
1000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
IP67
IP67
Termination Method
Soldering
Soldering
Soldering
Durability
500 times
500 times
500 times
Arrangement
32-17
Contact Arrangement
Size x No. of Contact
#4 x 4
Rated Current
80A / pos.
Rated Voltage
250VAC
500VAC
Overvoltage Category
III
II
Pollution Level
3
2
Dielectric Withstanding
Voltage
2000VAC (per minute)
Insulation Resistance
1000MΩ min.
(DC500V energized)
Waterproof Performance
IP67
Termination Method
Receptacle: Crimping
Plug: Soldering
Durability
500 times
(Under development)
(Under development)
(Under development)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com