Electronic Components Datasheet Search
  English  ▼

X  

(Underdevelopment) Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # (Underdevelopment)
Description  One-touch / Screw Mating Compatible Circular Waterproof Connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

(Underdevelopment) Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

Back Button (Underdevelopment) Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. (Underdevelopment) Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MB-0263-2
JAE PMK Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
7/15
--
Series
Single block
シリーズ
単体
EB:
With End-bell
Connector type コネクタタイプ
標準エンドベル付
6: Straight plug ストレートプラグ
EB1: With End-bell with
8: Angle plug アングルプラグ
enlarged cable entry
ケーブルエントリー径
A: Water-proof in mated part
拡大型エンドベル付
A: 嵌合時嵌合部防水構造
Insert rotation position
Shell size
インサート回転角度記号
シェルサイズ
None: Normal position
W: W position
Insert arrangement
X: X position
インサート配列
Y: Y position
Z: Z position
Contact type コンタクトタイプ
P: Pin (Soldering) ピン(半田タイプ)
E: With protective earth terminal
S: Socket (Soldering) ソケット(半田タイプ)
保護回路接続有り
None: Without protective earth terminal
無印: 保護回路接続無し
None:
22
S
E
*
*
JL10
6
A
22 -
--
Series
Modification code
シリーズ
モディファイ記号
onnector type コネクタタイプ
None: with solder-cup on earth contact
2: Panel mount type receptacle
保護回路端子の結線部無し
2: パネルマウント型レセプタクル
B: with solder-cup on earth contact
保護回路端子の結線部有り
E: Water-proof(unmate)
単体防水構造
Insert rotation position
A: Water-proof(mated)
インサート回転角度記号
嵌合時防水構造
None: Normal position
W: W position
Shell size
X: X position
シェルサイズ
Y: Y position
Z: Z position
Insert arrangement
インサート配列
E: With protective earth terminal
保護回路接続有り
Contact type コンタクトタイプ
None: Without protective earth terminal
P: Pin (Soldering) ピン(半田タイプ)
無印: 保護回路接続無し
S: Socket (Soldering) ソケット(半田タイプ)
JL10
2
E
22 - 22 P
E
*
*
Ordering Information
≪
PLUG プラグ≫
≪
RECEPTACLE レセプタクル≫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com