Electronic Components Datasheet Search
  English  ▼

X  

WP6C Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP6C
Description  0.4mm Pitch, Stacking Type Board-to-board Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP6C Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WP6C Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0277-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
2/5
WP6 C ‐ P *** VA *‐R****
Contact Shape P: Plug Side
No. of Contacts
Finish A: Au plating
Connection Type V: Stacking Type
Series
WP6 C ‐ S *** VA *‐R****
Contact Shape S: Receptacle
No. of Contacts
Finish A: Au plating
Connection Type V: Stacking Type
Series
Modification Code
Modification Code
Modification Code
Reel Part Number (Note 1)
(R6000: Standard Package)
Modification Code
Reel Part Number (Note 1)
(R6000: Standard Package)
Component
Material and Finish
Contact
(Contacting area) Copper alloy / Au plating (0.1μm min.)
(Mounting area) Copper alloy / Au plating (0.05μm min.)
Insulator
Heat Resistant Plastic
Ground Contact
Plug Side: Copper alloy / Au flash plating
Shell
Receptacle Side: Copper alloy / Au flash plating
Materials and Finishes
Ordering Information (Plug)
Ordering Information (Receptacle)
Note 1) An embossed tape reel contains 6,000 pieces of standard product.
Please contact us for details on embossed tape specifications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com