Electronic Components Datasheet Search
  English  ▼

X  

WP6C Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP6C
Description  0.4mm Pitch, Stacking Type Board-to-board Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP6C Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WP6C Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0277-1
March 2014
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
1/5
■
0.4mm pitch, 2 rows, stacking height 0.8mm.
■
Contact structure ensures high wear-resistance and high contact reliability.
■
Secure hold-downs prevent insulator breakage and peeling from FPC.
■
2-point contact design to resist twisting stress.
■
Enhanced ground connection during mating, and shield structure with anti-noise measure.
■
Pb-free. Ni barrier on contact prevents solder wicking.
* The mounting pattern is the same as the existing WP6 Series. (Not mateable)
The WP6C Series is a low-profile stacking type board-to-board (FPC) connector with
0.4mm pitch spacing that is ideal for high-density mounting in slim information
communication devices like mobile phones, smartphones, LCD, and notebook PC.
The WP6C Series has a shield structure that reduces noise during mating with a secure
ground connection with its exclusive terminals on the four corners and with a shield
equipped on the rear side of receptacle .
Also, the mounting pattern of the WP6C Series are the same as the existing WP6 Series.
Both types with and without shield are available.
WP6C Series
0.4mm Pitch, Stacking Type
Board-to-board Connector
■
No. of Contacts: 24, 30
■
Pitch: 0.4mm, 2 rows
■
Operating Temperature:
-40 Deg. C ~ +85 Deg. C
■
Contact Resistance: 70mΩ max. (initial)
■
Durability: 30 times
■
Rated Current: AC, DC each 0.3A / per 1 pos.
■
Rated Voltage: AC, DC 50V
■
Insulation Resistance: 100MΩ min. (initial)
■
Dielectric Withstanding Voltage:
AC250Vr.m.s., for 1 minute
Plug
Receptacle
RoHS Compliant
Features
General Specifications
■
Total Insertion Force: 1.5N x n max. (n: No. of pos.)
■
Total Extraction Force: 0.15N x n min. (n: No. of pos.)


Similar Part No. - WP6C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WP6C-P024VA1-R6000 JAE-WP6C-P024VA1-R6000 Datasheet
109Kb / 3P
Board-to-Board (FPC) connector, shield structure, 24 pos., 0.4mm pitch, 2rows, 0.8mm stacking height, SMT, Plug
WP6C-P030VA1-R6000 JAE-WP6C-P030VA1-R6000 Datasheet
113Kb / 3P
Board-to-Board (FPC) connector, shield structure, 30 pos., 0.4mm pitch, 2rows, 0.8mm stacking height, SMT, Plug
WP6C-S024VA1-R6000 JAE-WP6C-S024VA1-R6000 Datasheet
123Kb / 3P
Board-to-Board (FPC) connector, shield structure, 24 pos., 0.4mm pitch, 2rows, 0.8mm stacking height, SMT, Receptacle
WP6C-S030VA1-R6000 JAE-WP6C-S030VA1-R6000 Datasheet
121Kb / 3P
Board-to-Board (FPC) connector, shield structure, 30 pos., 0.4mm pitch, 2rows, 0.8mm stacking height, SMT, Receptacle
More results

Similar Description - WP6C

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
0.5mm Pitch Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WA6 JAE-WA6 Datasheet
336Kb / 5P
0.4mm pitch Board to Board connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com