Electronic Components Datasheet Search
  English  ▼

X  

WP6C Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP6C
Description  0.4mm Pitch, Stacking Type Board-to-board Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP6C Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  WP6C Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. WP6C Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MB-0277-1
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
5/5
Series
WP6C
SJ Drawing
(Plug)
Individual Product: SJ112897
Embossed Reel: J112898
SJ Drawing
(Receptacle)
Individual Product: SJ112899
Embossed Reel: SJ112900
Specification
JACS-10987
Handling Instruction
JAHL-10987
Summary Report
SR-C-1266
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc
Technical Documents



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com