Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 14 Page - Linear Integrated Systems

Part # LT3085
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3085 Datasheet(HTML) 14 Page - Linear Integrated Systems

Back Button LT3085 Datasheet HTML 10Page - Linear Integrated Systems LT3085 Datasheet HTML 11Page - Linear Integrated Systems LT3085 Datasheet HTML 12Page - Linear Integrated Systems LT3085 Datasheet HTML 13Page - Linear Integrated Systems LT3085 Datasheet HTML 14Page - Linear Integrated Systems LT3085 Datasheet HTML 15Page - Linear Integrated Systems LT3085 Datasheet HTML 16Page - Linear Integrated Systems LT3085 Datasheet HTML 17Page - Linear Integrated Systems LT3085 Datasheet HTML 18Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3089
14
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
In LT3089 applications with long wires or PCB traces, the
inductive reactance may cause instability. In some cases,
adding series resistance to the input and output lines (as
showninFigure4)maysufficientlydampenthesepossible
high-Q lines and provide stability. The user must evaluate
therequiredresistorvaluesagainstthedesign’sheadroom
constraints. In general, operation at low output current
levels (<20mA) automatically requires higher values of
programming resistors and may provide the necessary
damping without additional series impedance.
If the line impedances in series with the LT3089 are
complex enough such that series damping resistors are
not sufficient, a frequency compensation network may be
necessary. Several options may be considered.
Figure 5 depicts the simplest frequency compensation
networks as a single capacitor across the two terminals
of the current source. Some applications may use the
capacitance to stand off DC voltage but allow the transfer
of data down a signal line.
For some applications, pure capacitance may be unac-
ceptable or present a design constraint. One circuit
example typifying this is an “intrinsically-safe” circuit in
which an overload or fault condition potentially allows the
capacitor’s stored energy to create a spark or arc. For ap-
plications where a single capacitor is unacceptable, Figure
5 alternately shows a series RC network connected across
the two terminals of the current source. This network has
the added benefit of limiting the discharge current of the
capacitor under a fault condition, preventing sparks or
arcs. In many instances, a series RC network is the best
solutionforstabilizingtheapplicationcircuit.Typicalresis-
tor values will range from 100Ω to 5k. Once again, Linear
Technology strongly recommends testing stability in situ
foranyLT3089applicationacrossalloperatingconditions,
especiallyonesthatpresentcompleximpedancenetworks
at the input and output of the current source.
If an application refers the bottom of the LT3089 current
source to GND, it may be necessary to bypass the top
of the current source with a capacitor to GND. In some
cases, this capacitor may already exist and no additional
capacitance is required. For example, if the LT3089 was
used as a variable current source on the output of a power
supply, the output bypass capacitance would suffice to
provide LT3089 stability. Other applications may require
the addition of a bypass capacitor. A series RC network
may also be used as necessary, and depends on the ap-
plication requirements.
IN
SET
OUT
+
–
LT3089
50µA
RSET
ROUT
RSERIES
RSERIES
LONG LINE
REACTANCE/INDUCTANCE
3089 F04
LONG LINE
REACTANCE/INDUCTANCE
Figure 4. Adding Series Resistance Decouples
and Dampens Long Line Reactances
Figure 5. Compensation from Input to Output
of Current Source Provides Stability
3089 F05
IN
SET
OUT
+
–
LT3089
50µA
CCOMP OR
RSET
ROUT
RCOMP
CCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com