Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 18 Page - Linear Integrated Systems

Part # LT3085
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3085 Datasheet(HTML) 18 Page - Linear Integrated Systems

Back Button LT3085 Datasheet HTML 14Page - Linear Integrated Systems LT3085 Datasheet HTML 15Page - Linear Integrated Systems LT3085 Datasheet HTML 16Page - Linear Integrated Systems LT3085 Datasheet HTML 17Page - Linear Integrated Systems LT3085 Datasheet HTML 18Page - Linear Integrated Systems LT3085 Datasheet HTML 19Page - Linear Integrated Systems LT3085 Datasheet HTML 20Page - Linear Integrated Systems LT3085 Datasheet HTML 21Page - Linear Integrated Systems LT3085 Datasheet HTML 22Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3089
18
3089f
For more information www.linear.com/LT3089
Connecting a resistor from IMON to ground converts the
IMON pin current into a voltage to allow for monitoring by
an ADC. With a 1k resistor, 0mV to 160mV indicates 0A
to 800mA of load current.
Compensating for Cable Drops with IMON
The IMON pin can compensate for resistive drops in wires
or cables between the LT3089 and the load. Breaking the
SET resistor into two pieces adjusts the output voltage as a
function of load current. The ratio of the output wire/cable
impedance to the bottom resistor should be 1:5000. The
sum total of the two SET resistor values determines the
initial output voltage. Figure 11 shows a typical application
and formulas for calculating resistor values.
PC board, copper traces and planes. Surface mount heat
sinks, plated through-holes and solder-filled vias can also
spread the heat generated by power devices.
Junction-to-case thermal resistance is specified from the
IC junction to the bottom of the case directly, or the bot-
tom of the pin most directly in the heat path. This is the
lowest thermal resistance path for heat flow. Only proper
device mounting ensures the best possible thermal flow
from this area of the packages to the heat sinking material.
Note that the exposed pad of the DFN and TSSOP pack-
ages and the tab of the DD-Pak package are electrically
connected to the output (VOUT).
Tables 3 through 5 list thermal resistance as a function
of copper areas on a fixed board size. All measurements
were taken in still air on a 4-layer FR-4 board with 1oz
solid internal planes and 2oz external trace planes with a
total finished board thickness of 1.6mm.
Table 3. DF Package, 12-Lead DFN
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
21°C/W
1000mm2
2500mm2
2500mm2
24°C/W
225mm2
2500mm2
2500mm2
30°C/W
100mm2
2500mm2
2500mm2
35°C/W
*Device is mounted on topside
Table 4. FE Package, 16-Lead TSSOP
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
18°C/W
1000mm2
2500mm2
2500mm2
22°C/W
225mm2
2500mm2
2500mm2
27°C/W
100mm2
2500mm2
2500mm2
32°C/W
*Device is mounted on topside
Table 5. R Package, 7-Lead DD-Pak
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
13°C/W
1000mm2
2500mm2
2500mm2
14°C/W
225mm2
2500mm2
2500mm2
16°C/W
*Device is mounted on topside
APPLICATIONS INFORMATION
Figure 11. Using IMON to Compensate for Cable Drops
Thermal Considerations
The LT3089’s internal power and thermal limiting circuitry
protects itself under overload conditions. For continuous
normal load conditions, do not exceed the 125°C (E- and
I-grades) maximum junction temperature. Carefully
consider all sources of thermal resistance from junction-
to-ambient. This includes (but is not limited to) junction-
to-case, case-to-heat sink interface, heat sink resistance
or circuit board-to-ambient as the application dictates.
Consider all additional, adjacent heat generating sources
in proximity on the PCB.
Surface mount packages provide the necessary heat
sinking by using the heat spreading capabilities of the
LT3089
IN
CIN
1µF
COUT
10µF
3089 F11
OUT
SET
RSET
29.8k
RCOMP = 5000 • RCABLE(TOTAL)
VOUT(LOAD) = 50µA (RSET + RCOMP)
RCABLE2
0.02
RCABLE
0.02
RCOMP
200
IMON
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com