Electronic Components Datasheet Search
  English  ▼

X  

LT3085 Datasheet(PDF) 19 Page - Linear Integrated Systems

Part # LT3085
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3085 Datasheet(HTML) 19 Page - Linear Integrated Systems

Back Button LT3085 Datasheet HTML 15Page - Linear Integrated Systems LT3085 Datasheet HTML 16Page - Linear Integrated Systems LT3085 Datasheet HTML 17Page - Linear Integrated Systems LT3085 Datasheet HTML 18Page - Linear Integrated Systems LT3085 Datasheet HTML 19Page - Linear Integrated Systems LT3085 Datasheet HTML 20Page - Linear Integrated Systems LT3085 Datasheet HTML 21Page - Linear Integrated Systems LT3085 Datasheet HTML 22Page - Linear Integrated Systems LT3085 Datasheet HTML 23Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3089
19
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
For further information on thermal resistance and using
thermal information, refer to JEDEC standard JESD51,
notably JESD51-12.
PCB layers, copper weight, board layout and thermal vias
affect the resultant thermal resistance. Tables 3 through 5
provide thermal resistance numbers for best-case 4-layer
boards with 1oz internal and 2oz external copper. Modern,
multilayer PCBs may not be able to achieve quite the same
level performance as found in these tables. Demo circuit
2318A’s board layout using multiple inner VOUT planes
and multiple thermal vias achieves 17°C/W performance
for the DF package.
Calculating Junction Temperature
Example: Given an output voltage of 0.9V, an IN voltage
of 2.5V ±5%, output current range from 10mA to 0.8A
and a maximum ambient temperature of 50°C, what is
the maximum junction temperature for the DD-Pak on a
2500mm2 board with topside copper of 1000mm2?
The power in the circuit equals:
PTOTAL = (VIN – VOUT)(IOUT)
The current delivered to the SET pin is negligible and can
be ignored.
VIN(MAX_CONTINUOUS) = 2.625V (2.5V + 5%)
VOUT = 0.9V, IOUT = 0.8A, TA = 50°C
Power dissipation under these conditions equals:
PTOTAL = (VIN – VOUT)(IOUT)
PTOTAL = (2.625V – 0.9V)(0.8A) = 1.38W
Junction Temperature equals:
TJ = TA + PTOTAL • θJA (using tables)
TJ = 50°C + 1.38W • 14°C/W = 69.3°C
In this case, the junction temperature is below the maxi-
mum rating, ensuring reliable operation.
Reducing Power Dissipation
In some applications it may be necessary to reduce the
powerdissipationintheLT3089packagewithoutsacrificing
outputcurrentcapability.Twotechniquesareavailable.The
first technique, illustrated in Figure 12, employs a resis-
tor in series with the regulator’s input. The voltage drop
across RS decreases the LT3089’s IN-to-OUT differential
voltage and correspondingly decreases the LT3089’s
power dissipation.
Asanexample,assume:VIN=7V,VOUT=3.3VandIOUT(MAX)
= 0.8A. Use the formulas from the Calculating Junction
Temperature section previously discussed.
Without series resistor RS, power dissipation in the
LT3089 equals:
PTOTAL = (7V – 3.3V) • 0.8A = 2.96W
If the voltage differential (VDIFF) across the LT3089 is
chosen as 1.5V, then RS equals:
RS =
7V – 3.3V – 1.5V
0.8A
= 2.8Ω
Power dissipation in the LT3089 now equals:
PTOTAL = 1.5V • 0.8A = 1.2W
TheLT3089’spowerdissipationisnowonly40%compared
to no series resistor. RSdissipates1.8Wofpower.Choose
appropriate wattage resistors or use multiple resistors in
parallel to handle and dissipate the power properly.
3089 F12
IN
VIN′
SET
OUT
+
–
LT3089
50µA
RSET
RS
VOUT
VIN
C2
C1
Figure 12. Reducing Power Dissipation Using a Series Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com