Electronic Components Datasheet Search
  English  ▼

X  

MCP1661 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1661 Datasheet HTML 1Page - Microchip Technology MCP1661 Datasheet HTML 2Page - Microchip Technology MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2014-2015 Microchip Technology Inc.
DS20005315B-page 3
MCP1661
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VSW – GND .....................................................................+36V
EN, VIN – GND...............................................................+6.0V
VFB.................................................................................+1.3V
Power Dissipation ....................................... Internally Limited
Storage Temperature .................................... -65°C to +150°C
Ambient Temperature with Power Applied .... -40°C to +125°C
Operating Junction Temperature................... -40°C to +150°C
ESD Protection On All Pins:
HBM ................................................................. 4 kV
MM ..................................................................300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC AND AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits apply for typical values at ambient temperature
TA =+25°C, VIN = 3.3V, IOUT =20mA, VOUT =12V, CIN =COUT = 10 µF, X7R ceramic, L = 4.7 µH.
Boldface specifications apply over the controlled TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Voltage Range
VIN
2.4
—
5.5
V
Note 1
Undervoltage Lockout
(UVLO)
UVLOSTART
—2.3
—
V
VIN rising,
IOUT =1 mA resistive load
UVLOSTOP
—1.85
—
V
VIN falling,
IOUT =1 mA resistive load
Output Voltage Adjust Range
VOUT
——
32
V
Note 1
Maximum Output Current
IOUT
—125
—
mA
3.3V VIN, 12V VOUT
200
—
mA
5.0V VIN, 12V VOUT
100
—
mA
4.2V VIN, 24V VOUT
Feedback Voltage
VFB
1.190
1.227
1.264
V
VFB Accuracy
-3
—
3
%
Feedback Input Bias Current
IVFB
—0.005
—
µA
No Load Input Current
IIN0
—
250
—
µA
Device switching, no load,
3.3V VIN, 12V VOUT (Note 2)
Shutdown Quiescent Current
IQSHDN
—
200
—
nA
EN = GND,
feedback divider current not
included (Note 3)
Peak Switch Current Limit
IN(MAX)
—1.3
—
A
Note 4
NMOS Switch Leakage
INLK
—0.4
—
µA
VIN =VSW =5V; VOUT =5.5V
VEN =VFB =GND
NMOS Switch ON Resistance
RDS(ON)
—0.8
—
VIN =5V, VOUT = 12V,
IOUT =100 mA (Note 4)
Note 1:
Minimum input voltage in the range of VIN (VIN <5.5V < VOUT) depends on the maximum duty cycle
(DCMAX) and on the output voltage (VOUT), according to the boost converter equation:
VINmin =VOUT x(1– DCMAX).
2:
IIN0 varies with input and output voltage (Figure 2-8). IIN0 is measured on the VIN pin when the device is
switching (EN = VIN), at no load, with RTOP = 120 k and RBOT =1.05 M.
3:
IQSHDN is measured on the VIN pin when the device is not switching (EN = GND), at no load, with the
feedback resistors (RTOP +RBOT) disconnected from VOUT.
4:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com