Electronic Components Datasheet Search
  English  ▼

X  

MCP1661 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1661 Datasheet HTML 2Page - Microchip Technology MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology MCP1661 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP1661
DS20005315B-page 6
 2014-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN =3.3V, IOUT =20mA, VOUT =12V, CIN =COUT = 10 µF, X7R ceramic,
L= 4.7 µH, TA = 25°C, 5-lead SOT-23 package.
FIGURE 2-7:
Inductor Peak Current Limit
vs. Ambient Temperature.
FIGURE 2-8:
No Load Input Current, IIN0
vs. VIN (EN = VIN).
FIGURE 2-9:
Shutdown Quiescent
Current, IQSHDN vs. VIN (EN = GND).
FIGURE 2-10:
No Load Input Current, IIN0
vs. Ambient Temperature.
FIGURE 2-11:
fSW vs. Ambient
Temperature.
FIGURE 2-12:
PWM Pulse Skipping Mode
Threshold.
0.5
0.7
0.9
1.1
1.3
1.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
IN = 5.0V
V
OUT = 12.0V
150
175
200
225
250
275
300
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
V
OUT = 6.0V
V
OUT = 12.0V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
Note: Without FB Resistor Divider Current
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
V
IN= 3.0V
V
IN = 5.5V
V
OUT = 12V
V
IN = 2.3V
425
450
475
500
525
550
575
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
V
IN = 3.0V
I
OUT = 100 mA
0
1
2
3
4
5
6
0
5
10
15
20
25
30
I
OUT (mA)
V
OUT = 24.0V
V
OUT = 12.0V
V
OUT = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com