Electronic Components Datasheet Search
  English  ▼

X  

MCP1661 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1661 Datasheet HTML 16Page - Microchip Technology MCP1661 Datasheet HTML 17Page - Microchip Technology MCP1661 Datasheet HTML 18Page - Microchip Technology MCP1661 Datasheet HTML 19Page - Microchip Technology MCP1661 Datasheet HTML 20Page - Microchip Technology MCP1661 Datasheet HTML 21Page - Microchip Technology MCP1661 Datasheet HTML 22Page - Microchip Technology MCP1661 Datasheet HTML 23Page - Microchip Technology MCP1661 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP1661
DS20005315B-page 20
 2014-2015 Microchip Technology Inc.
6.0
TYPICAL APPLICATION CIRCUITS
FIGURE 6-1:
Two Alkaline Cells to 12V Boost Converter.
VIN
GND
VFB
VOUT
12V, 75 mA
COUT
10 µF
CIN
10 µF
L
4.7 µH
SW
1.05 M
120 k
EN
+
-
ON
OFF
+
-
RTOP
RBOT
VIN
2.4V
-3.0V
D
MCP1661
Schottky
D
Component
Value
Manufacturer
Part Number
Comment
CIN
10 µF
TDK Corporation
C2012X7R1A106K125AC Cap. ceramic 10 µF 10V 10% X7R 0805
COUT
10 µF
TDK Corporation
C3216X7R1C106K160AC Cap. ceramic 10 µF 16V 10% X7R 1206
L
4.7 µH Coilcraft
XFL4020-472MEB
Inductor Power 4.7 µH 2A SMD
RTOP
1.05 MΩ Yageo Corporation
RC0805FR-071M05L
Res. 1.05 MΩ 1/8W 1% 0805 SMD
RBOT
120 kΩ Yageo Corporation
RC0805FR-07120KL
Res. 120 kΩ 1/8W 1% 0805 SMD
D
—
NXP Semiconductor PMEG2005EH,115
Diode Schottky 20V 0.5A SOD123F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com