Electronic Components Datasheet Search
  English  ▼

X  

CSD13380F3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13380F3
Description  12-V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13380F3 Datasheet(HTML) 3 Page - Texas Instruments

  CSD13380F3 Datasheet HTML 1Page - Texas Instruments CSD13380F3 Datasheet HTML 2Page - Texas Instruments CSD13380F3 Datasheet HTML 3Page - Texas Instruments CSD13380F3 Datasheet HTML 4Page - Texas Instruments CSD13380F3 Datasheet HTML 5Page - Texas Instruments CSD13380F3 Datasheet HTML 6Page - Texas Instruments CSD13380F3 Datasheet HTML 7Page - Texas Instruments CSD13380F3 Datasheet HTML 8Page - Texas Instruments CSD13380F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD13380F3
www.ti.com
SLPS593 – OCTOBER 2016
Product Folder Links: CSD13380F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 9.6 V
50
nA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 8 V
25
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
0.55
0.85
1.30
V
RDS(on)
Drain-to-source on resistance
VGS = 1.8 V, IDS = 0.1 A
96
135
m
Ω
VGS = 2.5 V, IDS = 0.4 A
73
92
VGS = 4.5 V, IDS = 0.4 A
63
76
gfs
Transconductance
VDS = 1.2 V, IDS = 0.4 A
4.3
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 6 V,
ƒ = 1 MHz
120
156
pF
Coss
Output capacitance
81
105
pF
Crss
Reverse transfer capacitance
9.6
12.5
pF
RG
Series gate resistance
16
Ω
Qg
Gate charge total (4.5 V)
VDS = 6 V, IDS = 0.4 A
0.91
1.2
nC
Qgd
Gate charge gate-to-drain
0.15
nC
Qgs
Gate charge gate-to-source
0.19
nC
Qg(th)
Gate charge at Vth
0.15
nC
Qoss
Output charge
VDS = 6 V, VGS = 0 V
0.81
nC
td(on)
Turnon delay time
VDS = 6 V, VGS = 4.5 V,
IDS = 0.4 A, RG = 2 Ω
4
ns
tr
Rise time
4
ns
td(off)
Turnoff delay time
11
ns
tf
Fall time
3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 0.4 A, VGS = 0 V
0.71
1
V
Qrr
Reverse recovery charge
VDS= 6 V, IF = 0.4 A, di/dt = 100 A/μs
2.1
nC
trr
Reverse recovery time
8
ns
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com