Electronic Components Datasheet Search
  English  ▼

X  

CSD13380F3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13380F3
Description  12-V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13380F3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD13380F3 Datasheet HTML 2Page - Texas Instruments CSD13380F3 Datasheet HTML 3Page - Texas Instruments CSD13380F3 Datasheet HTML 4Page - Texas Instruments CSD13380F3 Datasheet HTML 5Page - Texas Instruments CSD13380F3 Datasheet HTML 6Page - Texas Instruments CSD13380F3 Datasheet HTML 7Page - Texas Instruments CSD13380F3 Datasheet HTML 8Page - Texas Instruments CSD13380F3 Datasheet HTML 9Page - Texas Instruments CSD13380F3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
0.5
1
1.5
2
2.5
3
D012
VDS - Drain-to-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
1
10
D011
TC = 25qC
TC = 125qC
6
CSD13380F3
SLPS593 – OCTOBER 2016
www.ti.com
Product Folder Links: CSD13380F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Single pulse, typical RθJA = 255°C/W (min Cu)
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Typical RθJA = 255°C/W (min Cu)
Figure 12. Maximum Drain Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com