Electronic Components Datasheet Search
  English  ▼

X  

CSD13380F3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13380F3
Description  12-V N-Channel FemtoFET MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13380F3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD13380F3 Datasheet HTML 1Page - Texas Instruments CSD13380F3 Datasheet HTML 2Page - Texas Instruments CSD13380F3 Datasheet HTML 3Page - Texas Instruments CSD13380F3 Datasheet HTML 4Page - Texas Instruments CSD13380F3 Datasheet HTML 5Page - Texas Instruments CSD13380F3 Datasheet HTML 6Page - Texas Instruments CSD13380F3 Datasheet HTML 7Page - Texas Instruments CSD13380F3 Datasheet HTML 8Page - Texas Instruments CSD13380F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
0.64
mm
0.35
mm
D
G
S
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD13380F3
SLPS593 – OCTOBER 2016
CSD13380F3 12-V N-Channel FemtoFET™ MOSFET
1
1 Features
1
•
Low On Resistance
•
Ultra-Low Qg and Qgd
•
High Operating Drain Current
•
Ultra-Small Footprint
–
0.73 mm × 0.64 mm
•
Low Profile
–
0.35-mm Max Height
•
Integrated ESD Protection Diode
–
Rated > 3-kV HBM
–
Rated > 2-kV CDM
•
Lead and Halogen Free
•
RoHS Compliant
2 Applications
•
Optimized for Load Switch Applications
•
Optimized for General Purpose Switching
Applications
•
Battery Applications
•
Handheld and Mobile Applications
3 Description
This 63-mΩ, 12-V N-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint in
many
handheld
and
mobile
applications.
This
technology is capable of replacing standard small
signal
MOSFETs
while
providing
a
substantial
reduction in footprint size.
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
Qg
Gate Charge Total (4.5 V)
0.91
nC
Qgd
Gate Charge Gate-to-Drain
0.15
nC
RDS(on)
Drain-to-Source On Resistance
VGS = 1.8 V
96
m
Ω
VGS = 2.5 V
73
VGS = 4.5 V
63
VGS(th)
Threshold Voltage
0.85
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD13380F3
3000
7-Inch Reel
Femto
0.73 mm × 0.64 mm
Land Grid Array (LGA)
Tape
and
Reel
CSD13380F3T
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C (unless otherwise stated)
VALUE
UNIT
VDS
Drain-to-Source Voltage
12
V
VGS
Gate-to-Source Voltage
8
V
ID
Continuous Drain Current(1)
3.6
A
Continuous Drain Current(2)
2.1
IDM
Pulsed Drain Current(2)(3)
13.5
A
PD
Power Dissipation(1)
1.4
W
Power Dissipation(2)
0.5
V(ESD)
Human-Body Model (HBM)
3
kV
Charged-Device Model (CDM)
2
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Max Cu, typical RθJA = 90°C/W on 1-in
2 (6.45-cm2), 2-oz
(0.071-mm) thick Cu pad on a 0.06-in (1.52-mm) thick FR4
PCB.
(2) Min Cu, typical RθJA = 255°C/W.
(3) Pulse duration
≤ 100 μs, duty cycle ≤ 1%.
.
Typical Part Dimensions
Top View


Similar Part No. - CSD13380F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
N-Channel FemtoFET MOSFET
CSD13383F4 TI2-CSD13383F4 Datasheet
935Kb / 13P
CSD13383F4 12 V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
More results

Similar Description - CSD13380F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com