Electronic Components Datasheet Search
  English  ▼

X  

ISO7730FDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7730FDW
Description  High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7730FDW Datasheet(HTML) 2 Page - Texas Instruments

  ISO7730FDW Datasheet HTML 1Page - Texas Instruments ISO7730FDW Datasheet HTML 2Page - Texas Instruments ISO7730FDW Datasheet HTML 3Page - Texas Instruments ISO7730FDW Datasheet HTML 4Page - Texas Instruments ISO7730FDW Datasheet HTML 5Page - Texas Instruments ISO7730FDW Datasheet HTML 6Page - Texas Instruments ISO7730FDW Datasheet HTML 7Page - Texas Instruments ISO7730FDW Datasheet HTML 8Page - Texas Instruments ISO7730FDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
ISO7730, ISO7731
SLLSES0B – SEPTEMBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: ISO7730 ISO7731
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Power Ratings........................................................... 5
6.6
Insulation Specifications............................................ 5
6.7
Regulatory Information.............................................. 6
6.8
Safety Limiting Values .............................................. 6
6.9
Electrical Characteristics—5-V Supply ..................... 7
6.10
Supply Current Characteristics—5-V Supply .......... 7
6.11
Electrical Characteristics—3.3-V Supply ................ 8
6.12
Supply Current Characteristics—3.3-V Supply ....... 8
6.13
Electrical Characteristics—2.5-V Supply ................ 9
6.14
Supply Current Characteristics—2.5-V Supply ....... 9
6.15
Switching Characteristics—5-V Supply................. 10
6.16
Switching Characteristics—3.3-V Supply.............. 11
6.17
Switching Characteristics—2.5-V Supply.............. 11
6.18
Safety and Insulation Characteristics Curves ....... 12
6.19
Typical Characteristics .......................................... 13
7
Parameter Measurement Information ................ 15
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 19
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Application ................................................. 20
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Receiving Notification of Documentation Updates 25
12.4
Community Resources.......................................... 25
12.5
Trademarks ........................................................... 25
12.6
Electrostatic Discharge Caution ............................ 25
12.7
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2016) to Revision B
Page
•
Changed Feature From: "VDE and UL Certifications..." To: "VDE, UL, and TUV Certifications..." ....................................... 1
•
Changed the unit value of CLR and CPG From: µm To: mm in Insulation Specifications .................................................... 5
•
Changed From: "according to VDE and UL;..." To: "according to VDE, UL, and TUV;..." in the conditions statement
of Regulatory Information ....................................................................................................................................................... 6
•
Changed From: "Plan to certify" To: "Certified" in column TUV of Regulatory Information ................................................... 6
•
Changed From: "Certification Planned" To: "Certification Planned' to 'Client ID number: 77311" in column TUV of
Regulatory Information .......................................................................................................................................................... 6
Changes from Original (September 2016) to Revision A
Page
•
Changed VI(HYS) MIN value From: 0.1 × VCCO To: 0.1 × VCCI in Electrical Characteristics—5-V Supply................................ 7
•
Changed VI(HYS) MIN value From: 0.1 × VCCO To: 0.1 × VCCI in Electrical Characteristics—3.3-V Supply............................. 8
•
Changed VI(HYS) MIN value From: 0.1 × VCCO To: 0.1 × VCCI in Electrical Characteristics—2.5-V Supply............................. 9
•
Changed CMTI MIN value From: 35 To: 40 in Electrical Characteristics—3.3-V Supply ...................................................... 9
•
Changed PWD MAX value From: 4.7 To: 4.9 in Switching Characteristics—5-V Supply.................................................... 10
•
Changed tsk(o) MAX value From: 3.5 To: 4 in Switching Characteristics—5-V Supply......................................................... 10
•
Changed tDO MAX value From: 9 To: 0.3 in Switching Characteristics—5-V Supply........................................................... 10
•
Changed tDO MAX value From: 9 To: 0.3 in Switching Characteristics—3.3-V Supply........................................................ 11
•
Changed tDO MAX value From: 9 To: 0.3 in Switching Characteristics—2.5-V Supply........................................................ 11
•
Added Note B to Figure 15................................................................................................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com